Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA78L07PF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA78L07PF
Description  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L07PF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA78L07PF Datasheet HTML 1Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 2Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 3Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 4Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 5Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 6Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 7Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 8Page - Toshiba Semiconductor TA78L07PF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TA78L05,06,07,08,09,10,12,15PF
2007-07-02
5
TA78L07PF
Electrical Characteristics
(VIN = 12 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF, 0°C Tj 125°C, unless otherwise
specified
)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
6.72
7.0
7.28
V
9.2 V ≤ VIN ≤ 22 V
50
160
Line regulation
Reg·line
1
Tj = 25°C
10 V ≤ VIN ≤ 22 V
45
115
mV
1.0 mA ≤ IOUT ≤ 100 mA
13
75
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
6.0
40
mV
9.2 V ≤ VIN ≤ 22 V,
1.0 mA ≤ IOUT ≤ 40 mA
6.65
7.35
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
6.65
7.35
V
Tj = 25°C
3.1
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
10 V ≤ VIN ≤ 22 V
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
50
μVrms
Ripple rejection ratio
R.R.
3
f = 120 Hz,
10 V ≤ VIN ≤ 20 V, Tj = 25°C
37
46
dB
Dropout voltage
VD
1
Tj = 25°C, IOUT = 150 mA
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−0.75
mV/°C
TA78L08PF
Electrical Characteristics
(VIN = 14 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF, 0°C Tj 125°C, unless otherwise
specified)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
7.7
8.0
8.3
V
10.5 V ≤ VIN ≤ 23 V
20
175
Line regulation
Reg·line
1
Tj = 25°C
11 V ≤ VIN ≤ 23 V
12
125
mV
1.0 mA ≤ IOUT ≤ 100 mA
15
80
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
7.0
40
mV
10.5 V ≤ VIN ≤ 23 V,
1.0 mA ≤ IOUT ≤ 40 mA
7.6
8.4
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
7.6
8.4
V
Tj = 25°C
3.1
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
11 V ≤ VIN ≤ 23 V
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
60
μVrms
Ripple rejection ratio
R.R.
3
f = 120 Hz,
12 V ≤ VIN ≤ 23 V, Tj = 25°C
37
45
dB
Dropout voltage
VD
1
Tj = 25°C, IOUT = 150 mA
2.0
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−0.8
mV/°C


Similar Part No. - TA78L07PF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L07 TOSHIBA-TA78L07 Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA78L075 TOSHIBA-TA78L075 Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
TA78L07F TOSHIBA-TA78L07F Datasheet
390Kb / 19P
   Bipolar Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TA78L07PF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com