Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEF60A24-196 Datasheet(PDF) 4 Page - Astec America, Inc

Part # AEF60A24-196
Description  3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEF60A24-196 Datasheet(HTML) 4 Page - Astec America, Inc

  AEF60A24-196 Datasheet HTML 1Page - Astec America, Inc AEF60A24-196 Datasheet HTML 2Page - Astec America, Inc AEF60A24-196 Datasheet HTML 3Page - Astec America, Inc AEF60A24-196 Datasheet HTML 4Page - Astec America, Inc AEF60A24-196 Datasheet HTML 5Page - Astec America, Inc AEF60A24-196 Datasheet HTML 6Page - Astec America, Inc AEF60A24-196 Datasheet HTML 7Page - Astec America, Inc AEF60A24-196 Datasheet HTML 8Page - Astec America, Inc AEF60A24-196 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
-4-
A
A P
PA
A 0
0 6
6 N
N o
o n
n --IIs
s o
o lla
a tte
e d
d P
P o
o w
w e
e rr S
S IIP
P s
s
3
3 V
V --5
5 ..5
5 V
V IIn
n p
p u
u tt,, 1
1 ..2
2 V
V --3
3 ..3
3 V
V O
O u
u ttp
p u
u tt,, 9
9 --2
2 0
0 W
W O
O u
u ttp
p u
u tt
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Absolute Maximum Rating
Input Voltage(continuous)
6
Vdc
Input Voltage(peak/surge)
7
Vdc
100ms non-repetitive
Operating temperature
-25
55
°C
200LFM
storage temperature
-40
125
°C
AVN20 Series Output Characteristics
Power
APA06K04( E-6 )
7.2
W
APA06M04( E-6 )
9
W
APA06Y04( E-6 )
10.8
W
APA06D04( E-6 )
12.6
W
APA06G05( E-6 )
15
W
APA06F05( E-6 )
19.8
W
Output Current
6
A
Line Regulation
0.5
%Vo
Io=6A
Load Regulation
1
%Vo
Io=0~6A, Vin=5V
Efficiency
APA06K04( E-6 )
76
78
%
APA06M04( E-6 )
79
81
%
APA06Y04( E-6 )
81
83
%
APA06D04( E-6 )
84
86
%
APA06G05( E-6 )
86
88
%
APA06F05( E-6 )
87
89
%
Dynamic Response
25-50% load
50
70
mV
Ta=25°C, di/dt =1A/10µs
100
200
µs
Ta=25°C, di/dt =1A/10µs
50-25% load
50
100
mV
Ta=25°C, di/dt =1A/10µs
100
200
µs
Ta=25°C, di/dt =1A/10µs
Current Limit Threshold
6.6
9
10.8
A
Output Setpoint Voltage
-1
0
+1
%Vo
Vin=5V, Io=6A
Trim Range
84
116
%Vo
Sense Compensation
16
Vo%
Temperature Coefficient
0.02
%Vo/°C
Ripple (p-p)
25
50
mV
( 0 to 20MHz BW )
Noise (p-p)
50
mV
( 0 to 20MHz BW )
Switching Frequency
450
kHz
Characteristic
Min
Typ
Max
Units
Notes
Characteristic
Min
Typ
Max
Units
Notes


Similar Part No. - AEF60A24-196

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
Ohmite Mfg. Co.
AEF1000RE OHMITE-AEF1000RE Datasheet
43Kb / 1P
   Epoxy Molded Precision Wirewound Axial Terminals
logo
Allied Components Inter...
AEF20-3648 ALLIED-AEF20-3648 Datasheet
501Kb / 1P
   Flyback Transformer
AEF20-4033 ALLIED-AEF20-4033 Datasheet
408Kb / 1P
   EF20 Package in SMD
AEF25-1297 ALLIED-AEF25-1297 Datasheet
1Mb / 2P
   HIGH FREQUENCY TRANSFORMERS
More results

Similar Description - AEF60A24-196

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U_10 Datasheet
423Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20-03S1U CHINFA-WDD20-03S1U Datasheet
409Kb / 8P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R306 DELTA-S24SE3R306 Datasheet
710Kb / 12P
   20W Single/Dual Output DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
   20W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
WDD20U CHINFA-WDD20U_16 Datasheet
348Kb / 5P
   DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
logo
Lineage Power Corporati...
ATH016A0X3 LINEAGEPOWER-ATH016A0X3 Datasheet
568Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.3Vdc Output; 16A output current
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB121DLD-20WR3 MORNSUN-VRB121DLD-20WR3 Datasheet
3Mb / 9P
   20W,wide input isolated & regulated dual / single output DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com