Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA58LT00F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA58LT00F
Description  150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58LT00F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA58LT00F Datasheet HTML 1Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 2Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 3Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 4Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 5Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 6Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 7Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 8Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TA58LT00F
2006-11-06
5
Electrical Characteristics Common to All Products
• Tj = 25°C in the measurement conditions of each item is a regulation for where the standard condition
when a pulse test is carried out, and any drift in the electrical characteristic due to a rise in the junction
temperature of the chip may be disregarded.
Standard Application Circuit
• Place CIN as close as possible to the input terminal and GND. Place COUT as close as possible to
the output terminal and GND. Although capacitor COUT acts to smooth the dc output voltage
during suspension of output oscillation or load change, it might cause output oscillation in a cold
environment due to increased capacitor ESR. It is therefore recommended to use a capacitor with
small temperature sensitivity. Please connect the resistance of 0.5
∼ 2Ω with the series when the
ceramic capacitor is used.
The IC may oscillate due to external conditions (output current, temperature, or the type of the
capacitor used). The type of capacitor required must be determined by the actual application circuit
in which the IC is used.
The notice in case of application
• Note that, depending on the load conditions, a steep increase in the input voltage (VIN) may cause
a momentary rise in output voltage (VOUT) even if the EN (enable) pin is Low.
CIN
0.33
μF
Load
COUT
10
∼22 μF
ESR
0.5
∼2Ω
Reg.IC.
CPU etc.
IN
OUT
ADJ
EN
GND
TA58LT00F


Similar Part No. - TA58LT00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L06F TOSHIBA-TA58L06F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L06S TOSHIBA-TA58L06S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L08F TOSHIBA-TA58L08F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Similar Description - TA58LT00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com