Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6963CFG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # T6963CFG
Description  DOT MATRIX LCD CONTROLLER LSI
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6963CFG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button T6963CFG Datasheet HTML 7Page - Toshiba Semiconductor T6963CFG Datasheet HTML 8Page - Toshiba Semiconductor T6963CFG Datasheet HTML 9Page - Toshiba Semiconductor T6963CFG Datasheet HTML 10Page - Toshiba Semiconductor T6963CFG Datasheet HTML 11Page - Toshiba Semiconductor T6963CFG Datasheet HTML 12Page - Toshiba Semiconductor T6963CFG Datasheet HTML 13Page - Toshiba Semiconductor T6963CFG Datasheet HTML 14Page - Toshiba Semiconductor T6963CFG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
T6963CFG
2007-05-15
11
Command Definitions
Command
Code
D1
D2
Function
REGISTERS SETTING
00100001
00100010
00100100
X address
Data
Low address
Y address
00H
High address
Set Cursor Pointer
Set Offset Register
Set Address Pointer
SET CONTROL WORD
01000000
01000001
01000010
01000011
Low address
Columns
Low address
Columns
High address
00H
High address
00H
Set Text Home Address
Set Text Area
Set Graphic Home Address
Set Graphic Area
MODE SET
1000X000
1000X001
1000X011
1000X100
10000XXX
10001XXX
OR mode
EXOR mode
AND mode
Text Attribute mode
Internal CG ROM mode
External CG RAM mode
DISPLAY MODE
10010000
1001XX10
1001XX11
100101XX
100110XX
100111XX
Display off
Cursor on, blink off
Cursor on, blink on
Text on, graphic off
Text off, graphic on
Text on, graphic on
CURSOR PATTERN
SELECT
10100000
10100001
10100010
10100011
10100100
10100101
10100110
10100111
1−line cursor
2−line cursor
3−line cursor
4−line cursor
5−line cursor
6−line cursor
7−line cursor
8−line cursor
DATA AUTO READ /
WRITE
10110000
10110001
10110010
Set Data Auto Write
Set Data Auto Read
Auto Reset
DATA READ / WRITE
11000000
11000001
11000010
11000011
11000100
11000101
Data
Data
Data
Data Write and Increment ADP
Data Read and Increment ADP
Data Write and Decrement ADP
Data Read and Decrement ADP
Data Write and Nonvariable ADP
Data Read and Nonvariable ADP
SCREEN PEEK
11100000
Screen Peek
SCREEN COPY
11101000
Screen Copy
X: invalid


Similar Part No. - T6963CFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6963C TOSHIBA-T6963C Datasheet
1Mb / 46P
   CMOS DIGITAL INTEGRATED CIRCUIT (DOT MATRIX LCD CONTROL LSI)
T6963CDS TOSHIBA-T6963CDS Datasheet
1Mb / 46P
   TOSHIBA CMOS DIGITAL INTERGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - T6963CFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6B20 TOSHIBA-T6B20 Datasheet
1Mb / 29P
   DOT MATRIX LCD CONTROLLER AND DRIVER LSI
T7934 TOSHIBA-T7934 Datasheet
1Mb / 38P
   DOT MATRIX LCD CONTROLLER AND DRIVER LSI
T6936C TOSHIBA-T6936C Datasheet
1Mb / 46P
   DOT MATRIX LCD CONTROL LSI
logo
OKI electronic componet...
MSM6240 OKI-MSM6240 Datasheet
449Kb / 25P
   DOT MATRIX LCD CONTROLLER
MSM6255 OKI-MSM6255 Datasheet
485Kb / 39P
   DOT MATRIX LCD CONTROLLER
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
logo
Toshiba Semiconductor
T7933 TOSHIBA-T7933 Datasheet
365Kb / 10P
   ROW DRIVER LSI FOR DOT MATRIX LCD
T6B66A TOSHIBA-T6B66A Datasheet
592Kb / 14P
   ROW DRIVER LSI FOR DOT MATRIX LCD
T6B66B TOSHIBA-T6B66B Datasheet
538Kb / 14P
   ROW DRIVER LSI FOR DOT MATRIX LCD
T6B66BFG TOSHIBA-T6B66BFG Datasheet
567Kb / 15P
   ROW DRIVER LSI FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com