Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6P28TU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6P28TU
Description  High-Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P28TU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6P28TU Datasheet HTML 1Page - Toshiba Semiconductor SSM6P28TU Datasheet HTML 2Page - Toshiba Semiconductor SSM6P28TU Datasheet HTML 3Page - Toshiba Semiconductor SSM6P28TU Datasheet HTML 4Page - Toshiba Semiconductor SSM6P28TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM6P28TU
2007-11-01
1
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P28TU
High-Speed Switching Applications
Power Management Switch Applications
• 1.8V drive
• P-ch 2-in-1
• Low ON-resistance:
Ron = 460 mΩ (max) (@VGS = −1.8 V)
Ron = 306 mΩ (max) (@VGS = −2.5 V)
Ron = 234 mΩ (max) (@VGS = −4.0 V)
Absolute Maximum Ratings (Ta = 25°C) (Q1 , Q2 Common)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDS
−20
V
Gate-source voltage
VGSS
± 8
V
DC
ID
−0.8
Drain current
Pulse
IDP
−1.6
A
Drain power dissipation
PD (Note 1)
500
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Mounted on an FR4 board
(total dissipation)
(25.4 mm
× 25.4 mm × 1.6 mm, Cu Pad: 645 mm2 )
Electrical Characteristics (Ta = 25°C) (Q1 , Q2 Common)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS
ID = − 1 mA, VGS = 0
− 20
Drain-source breakdown voltage
V (BR) DSX
ID = − 1 mA, VGS = + 8 V
− 12
V
Drain cutoff current
IDSS
VDS = − 20 V, VGS = 0
− 10
μA
Gate leakage current
IGSS
VGS = ± 8 V, VDS = 0
± 1
μA
Gate threshold voltage
Vth
VDS = − 3 V, ID = − 1 mA
− 0.3
− 1.0
V
Forward transfer admittance
⏐Yfs
VDS = − 3 V, ID = − 0.6 A
(Note 2)
1.5
2.5
S
ID = − 0.6 A, VGS = − 4.0 V
(Note 2)
175
234
ID = − 0.4 A, VGS = − 2.5 V
(Note 2)
230
306
Drain-source ON-resistance
RDS (ON)
ID = − 0.1 A, VGS = − 1.8 V
(Note 2)
300
460
m
Ω
Input capacitance
Ciss
VDS = − 10 V, VGS = 0, f = 1 MHz
250
pF
Output capacitance
Coss
VDS = − 10 V, VGS = 0, f = 1 MHz
45
pF
Reverse transfer capacitance
Crss
VDS = − 10 V, VGS = 0, f = 1 MHz
35
pF
Turn-on time
ton
12
Switching time
Turn-off time
toff
VDD = − 10 V, ID = − 0.25 A,
VGS = 0 to − 2.5 V, RG = 4.7 Ω
18
ns
Drain-source forward voltage
VDSF
ID = 0.8 A, VGS = 0 V
(Note 2)
0.85
1.2
V
Note 2: Pulse test
Unit: mm
UFM
JEDEC
JEITA
TOSHIBA
2-2T1B
Weight: 7 mg (typ.)
6
1.7±0.1
2.1±0.1
1
2
3
5
4
1.Source1
2.Gate1
3.Drain2
4.Source2
5.Gate2
6.Drain1


Similar Part No. - SSM6P28TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P28TU TOSHIBA-SSM6P28TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6P28TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com