Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC08F03-W Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC08F03-W
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03-W Datasheet(HTML) 2 Page - Astec America, Inc

  APC08F03-W Datasheet HTML 1Page - Astec America, Inc APC08F03-W Datasheet HTML 2Page - Astec America, Inc APC08F03-W Datasheet HTML 3Page - Astec America, Inc APC08F03-W Datasheet HTML 4Page - Astec America, Inc APC08F03-W Datasheet HTML 5Page - Astec America, Inc APC08F03-W Datasheet HTML 6Page - Astec America, Inc APC08F03-W Datasheet HTML 7Page - Astec America, Inc APC08F03-W Datasheet HTML 8Page - Astec America, Inc APC08F03-W Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 2 OF 23
OCTOBER 4, 2004 - REVISION 03
APC08 SERIES
THIS SPECIFICATION COVERS THE REQUIREMENTS
For A New 1.3" X 0.53" X 0.33”(H) Maximum 28W Single Output High efficiency Non-Isolated SMT DC-DC Converter
MODEL NAME
Vin nominal/
Vin range
Vout/Iout
APC08J03
3.3V / 1.8-6.0V
0.9V, 8A
APC08K03
3.3V / 1.8-6.0V
1.2V, 8A
APC08M03
3.3V / 1.8-6.0V
1.5V, 8A
APC08Y03
3.3V / 2.2-6.0V
1.8V, 8A
APC08G03
3.3V / 3.0-6.0V
2.5V, 8A
APC08F03
5.0V / 4.0-6.0V
3.3V, 8A
APC08J08
8V / 5.0-12.0V
0.9V, 8A
APC08K08
8V / 5.0-12.0V
1.2V, 8A
APC08M08
8V / 5.0-12.0V
1.5V, 8A
APC08Y08
8V / 5.0-12.0V
1.8V, 8A
APC08G08
8V / 5.0-12.0V
2.5V, 8A
APC08F08
8V / 5.0-12.0V
3.3V, 8A
APC05A08
8V / 5.0-12.0V
5V, 5A
APC04S08
8V / 5.0-12.0V
6V, 4A
Options (suffix):
"-9"
= Trim
"-9MA" = Trim with Power Good and Active Current Share
"-J"
= Jedec tray-type packaging
“W”
= Improved Loop Bandwidth / Transient Response (only for APC08x03 series)


Similar Part No. - APC08F03-W

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08F03 ASTEC-APC08F03 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08F03-W

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com