Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCH16T245GQLR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AVCH16T245GQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH16T245GQLR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AVCH16T245GQLR Datasheet HTML 1Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 2Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 3Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 4Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 5Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 6Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 7Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 8Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587B − AUGUST 2004 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 8)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
High-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.65
VIH
High-level input
voltage
Data inputs
(see Note 7)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(see Note 7)
2.7 V to 3.6 V
2
V
Low-level input
Data inputs
1.2 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
voltage
Data inputs
(see Note 7)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(see Note 7)
2.7 V to 3.6 V
0.8
V
High-level input
DIR
1.2 V to 1.95 V
VCCA × 0.65
VIH
High-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
1.6
V
VIH
voltage
(referenced to VCCA)
(see Note 8)
2.7 V to 3.6 V
2
V
Low-level input
DIR
1.2 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
voltage
DIR
(referenced to VCCA)
1.95 V to 2.7 V
0.7
V
VIL
voltage
(referenced to VCCA)
(see Note 8)
2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
3.6
V
VO
Output voltage
Active state
0
VCCO
V
VO
Output voltage
3-state
0
3.6
V
1.2 V
−3
1.4 V to 1.6 V
−6
IOH
High-level output current
1.65 V to 1.95 V
−8
mA
IOH
High-level output current
2.3 V to 2.7 V
−9
mA
3 V to 3.6 V
−12
1.2 V
3
1.4 V to 1.6 V
6
IOL
Low-level output current
1.65 V to 1.95 V
8
mA
IOL
Low-level output current
2.3 V to 2.7 V
9
mA
3 V to 3.6 V
12
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7. For VCCI values not specified in the data sheet, VIH min = VCCI × 0.7 V, VIL max = VCCI × 0.3 V.
8. For VCCI values not specified in the data sheet, VIH min = VCCA × 0.7 V, VIL max = VCCA × 0.3 V.


Similar Part No. - SN74AVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
446Kb / 19P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI1-SN74AVCH16T245GQLR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Similar Description - SN74AVCH16T245GQLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com