Electronic Components Datasheet Search |
|
74AVCH16T245ZQLR Datasheet(PDF) 6 Page - Texas Instruments |
|
74AVCH16T245ZQLR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 21 page SN74AVCH16T245 16BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES587B − AUGUST 2004 − REVISED APRIL 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Notes 9 and 10) (continued) PARAMETER TEST CONDITIONS VCCA VCCB TA = 25°C −40 °C TO 85 °C UNIT PARAMETER TEST CONDITIONS VCCA VCCB MIN TYP MAX MIN MAX UNIT Ioff A port VI or VO = 0 to 3.6 V 0 V 0 to 3.6 V ±0.1 ±2.5 ±5 A Ioff B port VI or VO = 0 to 3.6 V 0 to 3.6 V 0 V ±0.1 ±2.5 ±5 µA I # A or B ports VO = VCCO or GND, OE = VIH 3.6 V 3.6 V ±0.5 ±2.5 ±5 A IOZ# B port VO = VCCO or GND, VI = VCCI or GND OE = don’t 0 V 3.6 V ±5 µA A port VI = VCCI or GND OE = don’t care 3.6 V 0 V ±5 1.2 V to 3.6 V 1.2 V to 3.6 V 25 ICCA VI = VCCI or GND, IO = 0 0 V 3.6 V −5 µA ICCA VI = VCCI or GND, IO = 0 3.6 V 0 V 25 µA 1.2 V to 3.6 V 1.2 V to 3.6 V 25 ICCB VI = VCCI or GND, IO = 0 0 V 3.6 V 25 µA ICCB VI = VCCI or GND, IO = 0 3.6 V 0 V −5 µA ICCA ) ICCB VI = VCCI or GND, IO = 0 1.2 V to 3.6 V 1.2 V to 3.6 V 45 µA Ci Control inputs VI = 3.3 V or GND 3.3 V 3.3 V 3.5 pF Cio A or B ports VO = 3.3 V or GND 3.3 V 3.3 V 7 pF # For I/O ports, the parameter IOZ includes the input leakage current. NOTES: 9. VCCO is the VCC associated with the output port. 10. VCCI is the VCC associated with the input port. switching characteristics over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 1) PARAMETER FROM TO VCCB = 1.2 V VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V UNIT PARAMETER FROM (INPUT) TO (OUTPUT) TYP TYP TYP TYP TYP UNIT tPLH A B 4.1 3.3 3 2.8 3.2 ns tPHL A B 4.1 3.3 3 2.8 3.2 ns tPLH B A 4.4 4 3.8 3.6 3.5 ns tPHL B A 4.4 4 3.8 3.6 3.5 ns tPZH OE A 6.4 6.4 6.4 6.4 6.4 ns tPZL OE A 6.4 6.4 6.4 6.4 6.4 ns tPZH OE B 6 4.6 4 3.4 3.2 ns tPZL OE B 6 4.6 4 3.4 3.2 ns tPHZ OE A 6.6 6.6 6.6 6.6 6.8 ns tPLZ OE A 6.6 6.6 6.6 6.6 6.8 ns tPHZ OE B 6 4.9 4.9 4.2 5.3 ns tPLZ OE B 6 4.9 4.9 4.2 5.3 ns |
Similar Part No. - 74AVCH16T245ZQLR |
|
Similar Description - 74AVCH16T245ZQLR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |