Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC08F03-J Datasheet(PDF) 11 Page - Astec America, Inc

Part # APC08F03-J
Description  Non-Isolated DC/DC Power Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08F03-J Datasheet(HTML) 11 Page - Astec America, Inc

Back Button APC08F03-J Datasheet HTML 7Page - Astec America, Inc APC08F03-J Datasheet HTML 8Page - Astec America, Inc APC08F03-J Datasheet HTML 9Page - Astec America, Inc APC08F03-J Datasheet HTML 10Page - Astec America, Inc APC08F03-J Datasheet HTML 11Page - Astec America, Inc APC08F03-J Datasheet HTML 12Page - Astec America, Inc APC08F03-J Datasheet HTML 13Page - Astec America, Inc APC08F03-J Datasheet HTML 14Page - Astec America, Inc APC08F03-J Datasheet HTML 15Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Technical Reference Note (APC08)
MODEL: APC08 SERIES
SHEET 11 OF 23
OCTOBER 4, 2004 - REVISION 03
Method 2: External DC Source (continued)
Vo Adjustment to Higher Voltages
Example:
Module version: APC08G03-9 (3V to 6Vin, 2.5Vo).
Requiring to adjust the output voltage from Vo = 2.5V to 3.3V
Vo = 3.3V, Vr = 0.87V, R1 = 3.09kΩ, R2 = 1.69kΩ (from Table 1). Based on Equation (3), Vt = -1.84V.
If application of negative voltage is not desired, the limiting resistor Rt can either be changed to a lower value (Rt = 1k
Ω, such
that Vt = 0.60V per Equation 3), or use Method 1.
Power Good Signal Operation (Option (-9MA)):
PG pin provides an output signal indicating the Vout is
operational (TTL logic signal). It can sink current up to a
max of 5mA and can have a maximum external pull-up
voltage of 6V. Please see recommended setup shown on
Figure 6.
For multiple module configurations, the PG pin/signal
can be used to drive the Enable signal of the other
module for simple sequencing scheme.
Active Current Share Operation (Option (-9MA)):
Active Current share pin is compatible with APC08 modules only. Connecting this pin directly with the same Pin from another
module guarantees current sharing to within 40% to 60% Iout. Note that this pin is not compatible with competitive modules
that employ active current sharing.
To attain efficient current sharing between like modules, the following points are recommended:
a) The modules to be shared should be located as close as possible into the host card.
b) The copper tracks that connect Vo and GND should at least be 0.60" in width with at least 2 oz. Cu.
c) Due to tolerances of turn-on time characteristics, the initial load current of two APC08 units connected in current sharing
configuration should be less than the OCP point of one module. This is to ensure that the first unit that reaches Vo set-point
is capable of supplying the load current. This also eliminates the possibility of false triggering the OCP protection. The load
current can then be ramped up to the desired loading condition (typical 13A max combined for 2 modules in parallel) after
both outputs have stabilized.
d) Due to mismatches on the output voltage setpoints of the two converters in parallel, it is recommended to maintain a
minimum load current (typical 1.5A) on the output.
Figure 6. PGood setup.


Similar Part No. - APC08F03-J

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08F03 ASTEC-APC08F03 Datasheet
389Kb / 2P
   30 Watts
More results

Similar Description - APC08F03-J

ManufacturerPart #DatasheetDescription
logo
ABB
MLX040A0XY3-SRZ ABB-MLX040A0XY3-SRZ Datasheet
6Mb / 37P
   MLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.3 Date 3/8/2023
MLX120A0XY3-SRZ ABB-MLX120A0XY3-SRZ Datasheet
7Mb / 37P
   MLX120A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/ 23/ 2023
SLX040A0XY3-SRZ ABB-SLX040A0XY3-SRZ Datasheet
5Mb / 38P
   SLX040A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23/ 2023
MLX080A0XY3-SRZ ABB-MLX080A0XY3-SRZ Datasheet
7Mb / 37P
   MLX080A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.4 Date 3/8/2023
MLX160A0XY3-SRZ ABB-MLX160A0XY3-SRZ Datasheet
6Mb / 37P
   MLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.5 Date 3/8/2023
SLX160A0XY3-SRZ ABB-SLX160A0XY3-SRZ Datasheet
6Mb / 39P
   SLX160A0XY3-SRZ Non-Isolated DC-DC Power Module
Version 1.1 Date 2/ 23 / 2023
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Analog Technologies, In...
ATMV24V200V40MA1 ANALOGTECHNOLOGIES-ATMV24V200V40MA1 Datasheet
737Kb / 7P
   8W Isolated DC-DC Power Module
6/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com