Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV45C-048L-050F20HA Datasheet(PDF) 10 Page - Astec America, Inc

Part # AV45C-048L-050F20HA
Description  1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AV45C-048L-050F20HA Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AV45C-048L-050F20HA Datasheet HTML 6Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 7Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 8Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 9Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 10Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 11Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 12Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 13Page - Astec America, Inc AV45C-048L-050F20HA Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
A
A
A
AV
V
V
V 4
4
4
4 5
5
5
5 C
C
C
C Q
Q
Q
Q u
u
u
u a
a
a
a rrrrtttte
e
e
e rrrr--B
B
B
B rrrriiiic
c
c
c k
k
k
k S
S
S
S e
e
e
e rrrriiiie
e
e
e s
s
s
s 1
1
1
1 0
0
0
0 0
0
0
0 W
W
W
W P
P
P
P o
o
o
o w
w
w
w e
e
e
e rrrr C
C
C
C o
o
o
o n
n
n
n v
v
v
v e
e
e
e rrrrtttte
e
e
e rrrrs
s
s
s
3
3
3
3 6
6
6
6 V
V
V
V d
d
d
d c
c
c
c tttto
o
o
o 7
7
7
7 5
5
5
5 V
V
V
V d
d
d
d c
c
c
c IIIIn
n
n
n p
p
p
p u
u
u
u tttt,,,, S
S
S
S iiiin
n
n
n g
g
g
g lllle
e
e
e O
O
O
O u
u
u
u ttttp
p
p
p u
u
u
u tttt
-10-
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
www.astec.com
Characteristic Curves
Characteristic Curves (at 25
(at 25 °C)
°C)
Typical Efficiency AV45C-048L-050F20HAN
2
4
6
8
10
12
14
16
18
20
OUTPUT CURRENT, Io(A)
60
65
70
75
80
85
90
95
75Vin
48Vin
36Vin
Typical Efficiency AV45C-048L-033F20HAN
2
4
6
8
10
12
14
16
18
20
OUTPUT CURRENT, Io(A)
50
55
60
65
70
75
80
85
90
75Vin
48Vin
32Vin
Typical Efficiency AV45C-048L-018F20HAN
Typical Efficiency AV45C-048L-015F20HAN
0
0
4
4
8
8
1
12
2
1
16
6
2
20
0
OUTPUT CURRENT(A)
5
50
0
6
60
0
7
70
0
8
80
0
9
90
0
7
75
5V
Vi
in
n
4
48
8V
Vi
in
n
3
36
6V
Vi
in
n
0
0
4
4
8
8
1
12
2
1
16
6
2
20
0
OUTPUT CURRENT(A)
5
50
0
5
55
5
6
60
0
6
65
5
7
70
0
7
75
5
8
80
0
8
85
5
9
90
0
7
75
5V
Vi
in
n
4
48
8V
Vi
in
n
3
36
6V
Vi
in
n


Similar Part No. - AV45C-048L-050F20HA

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AV45C-048L-050F20HAN-68 ASTEC-AV45C-048L-050F20HAN-68 Datasheet
91Kb / 2P
   100 Watts
More results

Similar Description - AV45C-048L-050F20HA

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APE12M05 ASTEC-APE12M05 Datasheet
85Kb / 12P
   5V Input, 1.5V Output 18W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100 MEANWELL-SD-100_10 Datasheet
376Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD100 ASTRODYNE-SD100 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com