Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUD03F48 Datasheet(PDF) 9 Page - Astec America, Inc

Part # AUD03F48
Description  Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AUD03F48 Datasheet(HTML) 9 Page - Astec America, Inc

Back Button AUD03F48 Datasheet HTML 5Page - Astec America, Inc AUD03F48 Datasheet HTML 6Page - Astec America, Inc AUD03F48 Datasheet HTML 7Page - Astec America, Inc AUD03F48 Datasheet HTML 8Page - Astec America, Inc AUD03F48 Datasheet HTML 9Page - Astec America, Inc AUD03F48 Datasheet HTML 10Page - Astec America, Inc AUD03F48 Datasheet HTML 11Page - Astec America, Inc AUD03F48 Datasheet HTML 12Page - Astec America, Inc AUD03F48 Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MODEL : AUD 10W SERIES
April 05 REVISION 02
SHEET 9 OF 15
Technical Reference Note
Ultra Low Profile
AUD 10W Series
Typical Application Circuit
A) Single Operation
Figure 1
B) Parallel Operation (A single power supply connects to multiple DC-DC converters to apply for higher output
current more than rated one from a DC-DC converter)
Figure 2
i) All PO pins should be connected together
ii) All DC-DC converters with ALM pins connected will stop the operation when one single converter is halted in
mode protected by LVP or OVP.
iii) LED is optionally connected to ALM pin for the notice of DC-DC converter stoppage.
SW Open : Enable DC-DC
converter
-48V
+Vin
-Vout
-Vin
-
+Vout
PO
RC
ALM
Fuse
SW
GND
Load
SW Close : Halt all DC-DC converter
with RC connected together
Maximum units in parallel: 10pcs
Load
SW
+Vin
-Vout
-Vin
-
+Vout
PO
RC
ALM
+Vin
-Vout
-Vin
-
+Vout
PO
RC
ALM
-48V
GND
Fuse


Similar Part No. - AUD03F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUD03F48 ASTEC-AUD03F48 Datasheet
87Kb / 2P
   10 Watts Embedded Power
logo
Emerson Network Power
AUD03F48 EMERSON-NETWORKPOWER-AUD03F48 Datasheet
87Kb / 2P
   Ultra Low Profile - 4.3mm
More results

Similar Description - AUD03F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AUK30W ASTEC-AUK30W Datasheet
319Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG20W ASTEC-AUG20W Datasheet
326Kb / 15P
   Ultra Low Profile DC- DC Module (Pb-free reflow compatible and ROHS Compliant)
AVC20W ASTEC-AVC20W Datasheet
357Kb / 16P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUM10W ASTEC-AUM10W Datasheet
304Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
AUG15W ASTEC-AUG15W Datasheet
312Kb / 15P
   Ultra Low Profile DC - DC Module (Pb-free reflow compatible and ROHS Compliant)
logo
Seoul Semiconductor
SFT825Z-S SEOUL-SFT825Z-S_09 Datasheet
746Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
SFT825N-S SEOUL-SFT825N-S_09 Datasheet
736Kb / 18P
   Pb-free Reflow Soldering application RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com