Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15012AASA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15012AASA
Description  175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15012AASA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15012AASA Datasheet HTML 1Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 2Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 3Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 4Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 5Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 6Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 7Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 8Page - Maxim Integrated Products MAX15012AASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
175V/2A, High-Speed,
Half-Bridge MOSFET Drivers
4
_______________________________________________________________________________________
Note 2: All devices are 100% tested at TA = +125°C. Limits over temperature are guaranteed by design.
Note 3: Ensure that the VDD-to-GND or BST-to-HS transient voltage does not exceed 13.2V.
Note 4: Maximum operating supply voltage (VDD) reduces linearly from 12.6V to 10.5V with its maximum voltage (VHS_MAX) increasing
from 125V to 175V. See the Typical Operating Characteristics and Applications Information sections.
Note 5: Guaranteed by design, not production tested.
Note 6: See the Minimum Input Pulse Width section.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VBST = +8V to +12.6V, VHS = GND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at VDD =
VBST = +12V and TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS FOR HIGH- AND LOW-SIDE DRIVERS (VDD = VBST = +12V)
CL = 1000pF
7
CL = 5000pF
33
Rise Time
tR
CL = 10,000pF
65
ns
CL = 1000pF
7
CL = 5000pF
33
Fall Time
tF
CL = 10,000pF
65
ns
CMOS
30
55
Turn-On Propagation Delay Time
tD_ON
Figure 1, CL = 1000pF
(Note 5)
TTL
35
63
ns
CMOS
30
55
Turn-Off Propagation Delay Time
tD_OFF
Figure 1, CL = 1000pF
(Note 5)
TTL
35
63
ns
Delay Matching Between Driver-
Low and Driver-High
tMATCH
CL = 1000pF, Figure 1 (Note 5)
2
8
ns
Internal Nonoverlap
1ns
VDD = VBST = 12V
135
Minimum Pulse Width Input Logic
(Note 6)
tPW-min
VDD = VBST = 8V
170
ns


Similar Part No. - MAX15012AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012AASA++ MAXIM-MAX15012AASA+ Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
More results

Similar Description - MAX15012AASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15018 MAXIM-MAX15018 Datasheet
305Kb / 14P
   125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 9/08
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_13 Datasheet
261Kb / 18P
   2A High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com