Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH30T033 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ATH30T033
Description  30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH30T033 Datasheet(HTML) 3 Page - Astec America, Inc

  ATH30T033 Datasheet HTML 1Page - Astec America, Inc ATH30T033 Datasheet HTML 2Page - Astec America, Inc ATH30T033 Datasheet HTML 3Page - Astec America, Inc ATH30T033 Datasheet HTML 4Page - Astec America, Inc ATH30T033 Datasheet HTML 5Page - Astec America, Inc ATH30T033 Datasheet HTML 6Page - Astec America, Inc ATH30T033 Datasheet HTML 7Page - Astec America, Inc ATH30T033 Datasheet HTML 8Page - Astec America, Inc ATH30T033 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Environmental & Absolute Maximum Ratings (Voltages are with respect to GND)
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Track Input Voltage
Vtrack
–0.3
Vin + 0.3
V
Operating Temperature Range
Ta
Over Vin Range
–40
85
°C
Solder Reflow Temperature
Treflow
Surface temperature of module body or pins
235 (i)
°C
Storage Temperature
Ts
–40
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, ½ Sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Suffix S
10
G’s
20-2000 Hz
Suffix H
20
Weight
10
grams
Flammability
Meets UL 94V-O
Notes:
(i) During reflow of SMD package version do not elevate peak temperature of the module, pins or internal components above the stated maximum.
ATH30T033 Series —3.3-V Input
30-A, 3.3-V Input Non-Isolated
Wide-Output Adjust Power Module
REVISION 00 (30APR2004)
Specifications (Unless otherwise stated, T
a =25 °C, Vin =3.3 V, Vout =2 V, Cin =1,500 µF, Cout =0 µF, and Io =Iomax)
ATH30T033
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
60 °C, 200 LFM airflow
0
30 (1)
A
25 °C, natural convection
0
30 (1)
Input Voltage Range
Vin
Over Io range
2.95 (2)
3.65
V
Set-Point Voltage Tolerance
Vo tol
±2 (3)
%Vo
Temperature Variation
∆Regtemp
–40 °C <Ta < +85 °C
±0.5
%Vo
Line Regulation
∆Regline
Over Vin range
±10
mV
Load Regulation
∆Regload
Over Io range
±12
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
±3 (3)
%Vo
–40 °C
≤ Ta ≤ +85 °C
Efficiency
η
Io =20 A
RSET = 2.21 kΩ Vo = 2.5 V
93
RSET = 4.12 kΩ Vo = 2.0 V
92
RSET = 5.49 kΩ Vo = 1.8 V
91
%
RSET = 8.87 kΩ Vo = 1.5 V
89
RSET = 17.4 kΩ Vo = 1.2 V
87
RSET = 36.5 kΩ Vo = 1.0 V
85
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
30
mVpp
Over-Current Threshold
Io trip
Reset, followed by auto-recovery
45
A
Transient Response
1 A/µs load step, 50 to 100 % Iomax,
Cout =330 µF
ttr
Recovery Time
70
µSec
∆Vtr
Vo over/undershoot
100
mV
Margin Up/Down Adjust
Vo adj
± 5
%
Margin Input Current (pins 12 /13)
IIL margin
Pin to GND
– 8 (4)
—µA
Track Input Current (pin 8)
IIL track
Pin to GND
–130 (5)
µA
Track Slew Rate Capability
dVtrack/dt
Cout ≤ Cout(max)
1
V/ms
Under-Voltage Lockout
UVLO
Vin increasing
2.45
2.8
V
Vin decreasing
2.2
2.4
Inhibit Control (pin4)
Referenced to GND
Input High Voltage
VIH
Vin –0.5
Open (5)
V
Input Low Voltage
VIL
–0.2
0.8
Input Low Current
IIL inhibit
Pin to GND
–130
µA
Input Standby Current
Iin inh
Inhibit (pin 4) to GND, Track (pin 11) open
10
mA
Switching Frequency
ƒs
Over Vin and Io ranges
275
300
325
kHz
External Input Capacitance
Cin
1,500 (6)
——
µF
External Output Capacitance
Cout
Capacitance value
non-ceramic
0
330 (7)
16,500 (8)
µF
ceramic
0
300
Equiv. series resistance (non-ceramic)
4
(9)
——
m
Reliability
MTBF
Per Bellcore TR-332
2.8
106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for appropriate derating.
(2) The minimum input voltage is equal to 2.95 V or Vout + 0.5 V, whichever is greater.
(3) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a tolerance of 1 %
with 100 ppm/°C or better temperature stability.
(4) A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
(5) This control pin has an internal pull-up to the input voltage Vin. If it is left open-circuit the module will operate when input power is applied. A small
low-leakage (<100 nA) MOSFET is recommended for control. For further information, consult the related application note.
(6) A 1,500 µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 900 mA rms of ripple current.
(7) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load will improve the transient response.
(8) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult the application notes for further guidance.
(9) This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.


Similar Part No. - ATH30T033

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH30T033-9 ASTEC-ATH30T033-9 Datasheet
647Kb / 2P
   30Amps
ATH30T033-9J ASTEC-ATH30T033-9J Datasheet
647Kb / 2P
   30Amps
ATH30T033-9S ASTEC-ATH30T033-9S Datasheet
647Kb / 2P
   30Amps
ATH30T033-9SJ ASTEC-ATH30T033-9SJ Datasheet
647Kb / 2P
   30Amps
More results

Similar Description - ATH30T033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03020W TI1-PTH03020W Datasheet
515Kb / 19P
[Old version datasheet]   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03010W TI-PTH03010W Datasheet
514Kb / 18P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
[Old version datasheet]   6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T033 ASTEC-ATH15T033 Datasheet
402Kb / 14P
   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T033 ASTEC-ATH22T033 Datasheet
432Kb / 14P
   22-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03010W TI-PTH03010W_15 Datasheet
494Kb / 19P
[Old version datasheet]   15-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com