Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431LB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM431LB
Description  Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM431LB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM431LB Datasheet HTML 1Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 2Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 3Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 4Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 5Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 6Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 7Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 8Page - List of Unclassifed Manufacturers LM431LB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Shunt Regulator
Rev. A/DX 2007-06-04
LM431L
www.taitroncomponents.com
Page 3 of 13
Block Diagram
Symbols
Absolute Maximum Ratings (Ta=25° C)
(Full operating ambient temperature range applies unless otherwise noted.)
Symbol
Description
LM431L
LM431LA LM431LB
Unit
VKA
Cathode Voltage
16
18
V
IKA
Cathode Current Range (Continuous)
50
-100 ~ +100
mA
IREF
Reference Input Current Range
(Continuous)
3
10
mA
TJ
Operating Junction Temperature
150
° C
TOPR
Operating Temperature Range
-40 ~ 85
-40 ~ 125
° C
TSTG
Storage Temperature Range
-65 ~ 150
° C
Z:TO-92
700
770
N:SOT-23
350
370
N5:SOT-23-5
550
370
PD
Power Dissipation
K: SOT-89
-
770
mW
Z:TO-92
180
150
N:SOT-23
360
330
N5:SOT-23-5
230
250
RthJA
Package Thermal
Impedance
K: SOT-89
-
50
° C/W


Similar Part No. - LM431LB

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM431LB TAITRON-LM431LB Datasheet
754Kb / 13P
   Shunt Regulator
LM431LBK-XX-AR TAITRON-LM431LBK-XX-AR Datasheet
754Kb / 13P
   Shunt Regulator
LM431LBK-XX-BL TAITRON-LM431LBK-XX-BL Datasheet
754Kb / 13P
   Shunt Regulator
LM431LBK-XX-TR30 TAITRON-LM431LBK-XX-TR30 Datasheet
754Kb / 13P
   Shunt Regulator
LM431LBK-XX-TR70 TAITRON-LM431LBK-XX-TR70 Datasheet
754Kb / 13P
   Shunt Regulator
More results

Similar Description - LM431LB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431HA17L431A RENESAS-HA17L431HA17L431A_15 Datasheet
217Kb / 11P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
logo
Sirectifier Global Corp...
TL431 SIRECT-TL431 Datasheet
677Kb / 4P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com