Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-POWR1014-01TN48I Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPPAC-POWR1014-01TN48I
Description  In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-POWR1014-01TN48I Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPPAC-POWR1014-01TN48I Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 9Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 10Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 11Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 12Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 13Page - Lattice Semiconductor ISPPAC-POWR1014-01TN48I Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Lattice Semiconductor
ispPAC-POWR1014/A Data Sheet
10
I
2C Port Characteristics1
Symbol
Definition
100KHz
400KHz
Units
Min.
Max.
Min.
Max.
FI2C
I
2C clock/data rate
100
2
400
2
KHz
TSU;STA
After start
4.7
0.6
us
THD;STA
After start
4
0.6
us
TSU;DAT
Data setup
250
100
ns
TSU;STO
Stop setup
4
0.6
us
THD;DAT
Data hold; SCL= Vih_min = 2.1V
0.3
3.45
0.3
0.9
us
TLOW
Clock low period
4.7
10
1.3
10
us
THIGH
Clock high period
4
0.6
us
TF
Fall time; 2.25V to 0.65V
300
300
ns
TR
Rise time; 0.65V to 2.25V
1000
300
ns
TTIMEOUT
Detect clock low timeout
25
35
25
35
ms
TPOR
Device must be operational after power-on reset
500
500
ms
TBUF
Bus free time between stop and start condition
4.7
1.3
us
1. Applies to ispPAC-POWR1014A only.
2. If FI2C is less than 50kHz, then the ADC DONE status bit is not guaranteed to be set after a valid conversion request is completed. In this
case, waiting for the TCONVERT minimum time after a convert request is made is the only way to guarantee a valid conversion is ready for
readout. When FI2C is greater than 50kHz, ADC conversion complete is ensured by waiting for the DONE status bit.


Similar Part No. - ISPPAC-POWR1014-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-POWR1014-01TN48I LATTICE-ISPPAC-POWR1014-01TN48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
More results

Similar Description - ISPPAC-POWR1014-01TN48I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPPAC-POWR1014 LATTICE-LA-ISPPAC-POWR1014 Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014_08 Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com