Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATH10K12 Datasheet(PDF) 8 Page - Astec America, Inc

Part # ATH10K12
Description  10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ATH10K12 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button ATH10K12 Datasheet HTML 4Page - Astec America, Inc ATH10K12 Datasheet HTML 5Page - Astec America, Inc ATH10K12 Datasheet HTML 6Page - Astec America, Inc ATH10K12 Datasheet HTML 7Page - Astec America, Inc ATH10K12 Datasheet HTML 8Page - Astec America, Inc ATH10K12 Datasheet HTML 9Page - Astec America, Inc ATH10K12 Datasheet HTML 10Page - Astec America, Inc ATH10K12 Datasheet HTML 11Page - Astec America, Inc ATH10K12 Datasheet HTML 12Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Notes
ATH Series of Wide-Output Adjust
Power Modules (12-V Input)
North America (USA): 1-888-41-ASTEC
Europe (UK): 44(1384)842-211
Asia (HK): 852-2437-9662
Output On/Off Inhibit
For applications requiring output voltage on/off control,
each series of the ATH family incorporates an output
Inhibit control pin. The inhibit feature can be used wher-
ever there is a requirement for the output voltage from
the regulator to be turned off.
The power modules function normally when the Inhibit
pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with
respect to GND.
Figure 3-2 shows the typical application of the inhibit
function. Note the discrete transistor (Q1). The Inhibit
input has its own internal pull-up to Vin potential (12 V).
The input is not compatible with TTL logic devices. An
open-collector (or open-drain) discrete transistor is rec-
ommended for control.
Turning Q1 on applies a low voltage to the Inhibit control
pin and disables the output of the module. If Q1 is then
turned off, the module will execute a soft-start power-up
sequence. A regulated output voltage is produced within
20 msec. Figure 3-3 shows the typical rise in both the
output voltage and input current, following the turn-off
of Q1. The turn off of Q1 corresponds to the rise in the
waveform, Q1 Vds. The waveforms were measured with
a 5-A constant current load.
Figure 3-2
Figure 3-3
Q1Vds (5 V/Div)
Vo (2 V/Div)
Iin (2 A/Div)
HORIZ SCALE: 10 ms/Div
PTH12060W
V
IN
1
10
4
5
6
2
3
L
O
A
D
C
IN
560 µF
C
OUT
330 µF
1 =Inhibit
GND
GND
V
OUT
9
V
o Sense
8
Q
1
BSS138
R
SET
2.0k
1 %
0.1 W
7
Remote Sense
The ATH10 (10A), ATH12/15 (12/15A), ATH18/22 (18/
22A), and ATH26/30 (26/30A) products incorporate an
output voltage sense pin, Vo Sense. The Vo Sense pin should
be connected to Vout at the load circuit (see data sheet stan-
dard application). A remote sense improves the load
regulation performance of the module by allowing it to
compensate for any ‘IR’ voltage drop between itself and the
load. An IR drop is caused by the high output current
flowing through the small amount of pin and trace resis-
tance. Use of the remote sense is optional. If not used,
the Vo Sense pin can be left open-circuit. An internal
low-value resistor (15-
Ω or less) is connected between
the Vo Sense and Vout. This ensures the output voltage re-
mains in regulation.
With the sense pin connected, the difference between
the voltage measured directly between the Vout and GND
pins, and that measured from Vo Sense to GND, is the
amount of IR drop being compensated by the regulator.
This should be limited to a maximum of 0.3 V.
Note: The remote sense feature is not designed to compensate
for the forward drop of non-linear or frequency dependent
components that may be placed in series with the converter
output. Examples include OR-ing diodes, filter inductors,
ferrite beads, and fuses. When these components are enclosed
by the remote sense connection they are effectively placed
inside the regulation control loop, which can adversely affect
the stability of the regulator.
Over-Temperature Protection (OTP)
The ATH18/22 (18/22A) and ATH26/30 (26/30A) series of
products have over-temperature protection. These prod-
ucts have an on-board temperature sensor that protects
the module’s internal circuitry against excessively high
temperatures. A rise in the internal temperature may be
the result of a drop in airflow, or a high ambient tem-
perature. If the internal temperature exceeds the OTP
threshold, the module’s Inhibit control is automatically
pulled low. This turns the output off. The output voltage
will drop as the external output capacitors are discharged
by the load circuit. The recovery is automatic, and be-
gins with a soft-start power up. It occurs when the the
sensed temperature decreases by about 10 °C below the
trip point.
Note: The over-temperature protection is a last resort mecha-
nism to prevent thermal stress to the regulator. Operation at
or close to the thermal shutdown temperature is not recom-
mended and will reduce the long-term reliability of the module.
Always operate the regulator within the specified Safe Operating
Area (SOA) limits for the worst-case conditions of ambient
temperature and airflow.
ATH10K12


Similar Part No. - ATH10K12

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10K12-9 ASTEC-ATH10K12-9 Datasheet
611Kb / 2P
   10Amps
ATH10K12-9J ASTEC-ATH10K12-9J Datasheet
611Kb / 2P
   10Amps
ATH10K12-9S ASTEC-ATH10K12-9S Datasheet
611Kb / 2P
   10Amps
ATH10K12-9SJ ASTEC-ATH10K12-9SJ Datasheet
611Kb / 2P
   10Amps
More results

Similar Description - ATH10K12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
[Old version datasheet]   12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com