Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APC18T12-9 Datasheet(PDF) 8 Page - Astec America, Inc

Part # APC18T12-9
Description  12Vin / 18A Non-Isolated Point-of-Load
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC18T12-9 Datasheet(HTML) 8 Page - Astec America, Inc

Back Button APC18T12-9 Datasheet HTML 2Page - Astec America, Inc APC18T12-9 Datasheet HTML 3Page - Astec America, Inc APC18T12-9 Datasheet HTML 4Page - Astec America, Inc APC18T12-9 Datasheet HTML 5Page - Astec America, Inc APC18T12-9 Datasheet HTML 6Page - Astec America, Inc APC18T12-9 Datasheet HTML 7Page - Astec America, Inc APC18T12-9 Datasheet HTML 8Page - Astec America, Inc APC18T12-9 Datasheet HTML 9Page - Astec America, Inc APC18T12-9 Datasheet HTML 10Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Reference Notes
APC18T12 Series
MODEL: APC18T12 SERIES
SHEET 8 OF 10
NOVEMBER 4, 2004 - REVISION 00
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
-
-
1.30 [33.02]
in [ mm ]
W
-
-
0.53 [13.46]
in [ mm ]
AEO
H
-
-
0.35 [8.89]
in [ mm ]
Weight
AEO
-
5 [0.16]
10 [0.32]
g [oz]
Figure 8. Mechanical Outline
PIN NAME
DESIGNATION
+VIN
+ Input Voltage
Enable
ON/OFF
GND
Return for VIN and VO
Sense
+Output Sense pin
VO
+Output
Trim
VO Adjust
Figure 9. PIN designation.


Similar Part No. - APC18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T12-9 ASTEC-APC18T12-9 Datasheet
433Kb / 2P
   75 Watts
APC18T12-9J ASTEC-APC18T12-9J Datasheet
433Kb / 2P
   75 Watts
logo
Artesyn Technologies
APC18T12-9JL ARTESYN-APC18T12-9JL Datasheet
447Kb / 2P
   Total Power: 75 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
More results

Similar Description - APC18T12-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
   3.0-5.5Vin / 18A Non-Isolated Point-of-Load
logo
TDK Electronics
IAFSERIES TDK-IAFSERIES Datasheet
292Kb / 2P
   20A Non-isolated SMT Point Of Load
ICGSERIES TDK-ICGSERIES Datasheet
201Kb / 2P
   6A Non-isolated SMT Point Of Load
ICFSERIES TDK-ICFSERIES Datasheet
209Kb / 2P
   3A Non-isolated SMT Point Of Load
IBFSERIES TDK-IBFSERIES Datasheet
213Kb / 2P
   12A Non-isolated SMT Point Of Load
logo
Power Mate Technology C...
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
   Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
   Non-isolated Point of load DC/DC converters
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0H06PNFA DELTA-NC12S0A0H06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com