Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC-POWR1014 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPPAC-POWR1014
Description  In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC-POWR1014 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPPAC-POWR1014 Datasheet HTML 3Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 4Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 5Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 6Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 7Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 8Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 9Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 10Page - Lattice Semiconductor ISPPAC-POWR1014 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Lattice Semiconductor
ispPAC-POWR1014/A Data Sheet
7
ADC Characteristics
1
ADC Error Budget Across Entire Operating Temperature Range
1
Power-On Reset
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ADC resolution
10
Bits
TCONVERT
Conversion time
Time from I
2C request
100
µs
VIN
Input range full scale
Programmable attenuator = 1
0
2.048
V
Programmable attenuator = 3
0
5.9
2
V
ADC Step Size
LSB
Programmable attenuator = 1
2
mV
Programmable attenuator = 3
6
mV
Eattenuator
Error due to attenuator
Programmable attenuator = 3
+/- 0.1
%
1. ispPAC-POWR1014A only.
2. Maximum voltage is limited by VMONX pin (theoretical maximum is 6.144V).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
TADC Error
Total Measurement Error at
Any Voltage
2
Measurement Range 600 mV - 2.048V,
Attenuator =1
-8
+/-4
8
mV
1. ispPAC-POWR1014A only.
2. Total error, guaranteed by characterization, includes INL, DNL, Gain, Offset, and PSR specs of the ADC.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
TGOOD
Power-on reset to valid VMON comparator
output
500
µs
VTL
Threshold below which RESETb is LOW
1
2.3
V
VTH
Threshold above which RESETb is HIGH
1
2.7
V
VT
Threshold above which RESETb is valid
1
0.8
V
TPOR
Minimum duration dropout required to trigger
RESETb
15
µs
CL
Capacitive load on RESETb for master/slave
operation
200
pF
1. Corresponds to VCCA and VCCD supply voltages.


Similar Part No. - ISPPAC-POWR1014

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014 Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014-01T48I LATTICE-ISPPAC-POWR1014-01T48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014-01TN48I LATTICE-ISPPAC-POWR1014-01TN48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A LATTICE-ISPPAC-POWR1014A Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014A-01T48I LATTICE-ISPPAC-POWR1014A-01T48I Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
More results

Similar Description - ISPPAC-POWR1014

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPPAC-POWR1014 LATTICE-LA-ISPPAC-POWR1014 Datasheet
1Mb / 45P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR1014 LATTICE-ISPPAC-POWR1014_08 Datasheet
1Mb / 46P
   In-System Programmable Power Supply Supervisor, Reset Generator and Sequencing Controller
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com