Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA18T04-9 Datasheet(PDF) 4 Page - Astec America, Inc

Part # APA18T04-9
Description  3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA18T04-9 Datasheet(HTML) 4 Page - Astec America, Inc

  APA18T04-9 Datasheet HTML 1Page - Astec America, Inc APA18T04-9 Datasheet HTML 2Page - Astec America, Inc APA18T04-9 Datasheet HTML 3Page - Astec America, Inc APA18T04-9 Datasheet HTML 4Page - Astec America, Inc APA18T04-9 Datasheet HTML 5Page - Astec America, Inc APA18T04-9 Datasheet HTML 6Page - Astec America, Inc APA18T04-9 Datasheet HTML 7Page - Astec America, Inc APA18T04-9 Datasheet HTML 8Page - Astec America, Inc APA18T04-9 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Model: APA18T04 Series
Date: Aug 2005
SH 4 OF 26
Technical Reference Note
APA18T04 DC - DC Series
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional
operation of the device is not implied at these or any other conditions in excess of those given in the operational
sections of this specification. Exposure to absolute maximum ratings for extended periods can adversely affect
device reliability. The converter shall be designed, labeled and safety approved for maximum continuous rating as
follows:
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage
Continuous
Transient (100ms)
All
VIN
VIN, trans
-0.3
-
-
-
6
8
Vdc
Operating Temperature
All
Ta
-40
-
85
ºC
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
10
-
85
%
Max Voltage at Enable Pin
All
-
-
12
Vdc
Max Output Power
All
-
-
59.4
W
4.3
INPUT SPECIFICATIONS
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage Range
All
VIN
3.0
3.3/5.0
5.5
Vdc
Input Under-Voltage Lock-out
T_ON Threshold
T_OFF Threshold
0.75V=Vo
<2.5V
2.7
2.4
2.9
2.6
3.0
2.7
Vdc
Input Current
(VIN = VIN, Min ; IO = IO, Max)
T04
IIN-MAX
-
-
18.0
A
Max Pdiss @ IO = 0A
(VIN = VIN, Nom, TA=25°C)
Vo:3.3V
Vo:0.75V
-
-
-
-
0.5
0.3
W
Input Ripple Current
1
5Hz to 20MHz
All
II1
-
-
300
mAp-p
Input Voltage Rise Time
10% to 90% of Vout
All
NA
-
-
V/ms
Inrush Current
dVIN/dt
All
NA
-
-
Apk
NOTE: 1. External input capacitance required. See Input Ripple Current test measurement setup on Appendix A2.


Similar Part No. - APA18T04-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA18T04-9 ASTEC-APA18T04-9 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
APA18T04-9 EMERSON-NETWORKPOWER-APA18T04-9 Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
logo
Astec America, Inc
APA18T04-9H ASTEC-APA18T04-9H Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
APA18T04-9H EMERSON-NETWORKPOWER-APA18T04-9H Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
More results

Similar Description - APA18T04-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
   3.0-5.5Vin / 18A Non-Isolated Point-of-Load
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
   15A Non-Isolated DC/DC Converter in SIP configuration
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com