Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA18T04-9 Datasheet(PDF) 7 Page - Astec America, Inc

Part # APA18T04-9
Description  3.0-5.5Vin, 18A, Non-isolated DC - DC SIP Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA18T04-9 Datasheet(HTML) 7 Page - Astec America, Inc

Back Button APA18T04-9 Datasheet HTML 3Page - Astec America, Inc APA18T04-9 Datasheet HTML 4Page - Astec America, Inc APA18T04-9 Datasheet HTML 5Page - Astec America, Inc APA18T04-9 Datasheet HTML 6Page - Astec America, Inc APA18T04-9 Datasheet HTML 7Page - Astec America, Inc APA18T04-9 Datasheet HTML 8Page - Astec America, Inc APA18T04-9 Datasheet HTML 9Page - Astec America, Inc APA18T04-9 Datasheet HTML 10Page - Astec America, Inc APA18T04-9 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Model: APA18T04 Series
Date: Aug 2005
SH 7 OF 26
Technical Reference Note
APA18T04 DC - DC Series
APPENDIX A1: CONVERTER ORIENTATION WRT TO AIRFLOW
Figure 1. Airflow Orientation and Thermal Test Setup


Similar Part No. - APA18T04-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APA18T04-9 ASTEC-APA18T04-9 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
APA18T04-9 EMERSON-NETWORKPOWER-APA18T04-9 Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
logo
Astec America, Inc
APA18T04-9H ASTEC-APA18T04-9H Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
APA18T04-9H EMERSON-NETWORKPOWER-APA18T04-9H Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
More results

Similar Description - APA18T04-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC18T04 ASTEC-APC18T04 Datasheet
327Kb / 13P
   3.0-5.5Vin / 18A Non-Isolated Point-of-Load
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
   15A Non-Isolated DC/DC Converter in SIP configuration
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com