Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ25B50N Datasheet(PDF) 7 Page - Astec America, Inc

Part # ALQ25B50N
Description  Industry StandardBrick: 300W DC Transformer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50N Datasheet(HTML) 7 Page - Astec America, Inc

Back Button ALQ25B50N Datasheet HTML 3Page - Astec America, Inc ALQ25B50N Datasheet HTML 4Page - Astec America, Inc ALQ25B50N Datasheet HTML 5Page - Astec America, Inc ALQ25B50N Datasheet HTML 6Page - Astec America, Inc ALQ25B50N Datasheet HTML 7Page - Astec America, Inc ALQ25B50N Datasheet HTML 8Page - Astec America, Inc ALQ25B50N Datasheet HTML 9Page - Astec America, Inc ALQ25B50N Datasheet HTML 10Page - Astec America, Inc ALQ25B50N Datasheet HTML 11Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 7 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
Basic Operation and Features
INPUT UNDER VOLTAGE LOCKOUT
To prevent any instability to the converter, which may affect the end system, the ALQ25B50 series have been designed to turn-
on once VIN is in the voltage range of 41-43 VDC. Likewise, it has also been programmed to turn-off when VIN drops down to
39-41 VDC.
INPUT OVER VOLTAGE PROTECTION
The ALQ25B50 employs a DC Transformer conversion scheme where the input and output relationship is dictated by the turns
ratio of the windings. The OVP circuit senses the input line and shuts down the entire module once the sensed voltage reaches
the OVP threshold. Restart is possible once the fault is removed and the input power is recycled.
OUTPUT ENABLE
The ALQ25B50 series comes with an Enable pin (PIN 2), which is primarily used to turn ON/OFF the converter. Both a
Positive (no part number suffix required) and a Negative (suffix “N” required) Enable Logic options are being offered. Please
refer to Table 2 for the Part Numbering Scheme.
For Positive Enable, the converter is turned on when the Enable pin is at logic HIGH or left open. The unit turns off when the
Enable pin is at logic LOW or directly connected to -VIN. On the other hand, the Negative Enable version turns unit on when
the Enable pin is at logic LOW or directly connected to -VIN. The unit turns off when the Enable pin is at Logic HIGH.
OVER CURRENT PROTECTION (OCP)
The Over Current Protection circuit comes in latching mode. The converter is latched off if the load current on the output
reaches the OCP threshold limit. The OCP latch can be reset either by cycling the input voltage or toggling the Enable signal
for 100ms. Consult factory for Auto-restart option.
OVER TEMPERATURE PROTECTION (OTP)
The Over Temperature Protection circuit will shutdown the converter once the average PCB temperature reaches the OTP
range. This feature prevents the unit from overheating and consequently going into thermal runaway, which may further
damage the converter and the end system. Such overheating may be an effect of operation outside the given power thermal
derating conditions. Restart is possible once the temperature of the sensed location drops to less than 110
°C.


Similar Part No. - ALQ25B50N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50N ASTEC-ALQ25B50N Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-AL ASTEC-ALQ25B50N-AL Datasheet
106Kb / 2P
   300 Watts
More results

Similar Description - ALQ25B50N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Power-One
VWS250YH POWER-ONE-VWS250YH Datasheet
542Kb / 3P
   300W Standard Full Brick
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com