Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ25B50 Datasheet(PDF) 10 Page - Astec America, Inc

Part # ALQ25B50
Description  Industry StandardBrick: 300W DC Transformer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25B50 Datasheet(HTML) 10 Page - Astec America, Inc

Back Button ALQ25B50_03 Datasheet HTML 3Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 4Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 5Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 6Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 7Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 8Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 9Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 10Page - Astec America, Inc ALQ25B50_03 Datasheet HTML 11Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Technical Reference Notes
ALQ25B50 Bus Converter
DC Transformer
MODEL: ALQ25B50 SERIES
SHEET 10 OF 11
SEPTEMBER 11, 2003 - REVISION A (PRELIMINARY)
Mechanical Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dimension
All
L
-
2.30 [58.42]
-
in [ mm ]
W
-
1.45 [36.83]
-
in [ mm ]
H
-
0.40 [10.16]
-
in [ mm ]
Weight
-
49.9 [1.76]
gm [oz]
PIN ASSIGNMENT
1
+VIN
4
- VO
2
ENABLE
5
+ VO
3
-VIN
4
5
0.44 [11.2]
0.60 [15.2]
2.30 [58.4]
PIN SIDE UP
PIN SIDE DOWN
3
2
1
0.15 [3.8]
1.04 [26.5]
0.74 [18.9]
0.44 [11.2]
2.00 [50.8]
0.06 Ø
SIDE VIEW
[1.5Ø]
0.04Ø[1.0Ø]
0.22
[5.5]
0.38 [9.6]
1.48 [37.6]
Figure 10. ALQ25B50 Series Mechanical Outline Drawing


Similar Part No. - ALQ25B50_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ25B50-6 ASTEC-ALQ25B50-6 Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N ASTEC-ALQ25B50N Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-6 ASTEC-ALQ25B50N-6 Datasheet
106Kb / 2P
   300 Watts
ALQ25B50N-AL ASTEC-ALQ25B50N-AL Datasheet
106Kb / 2P
   300 Watts
More results

Similar Description - ALQ25B50_03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
logo
Power-One
VWS250YH POWER-ONE-VWS250YH Datasheet
542Kb / 3P
   300W Standard Full Brick
logo
Astec America, Inc
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com