Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT0515414 Datasheet(PDF) 2 Page - AMETHERM Circuit Protection Thermistors

Part # NT0515414
Description  Circuit Protection Thermistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

NT0515414 Datasheet(HTML) 2 Page - AMETHERM Circuit Protection Thermistors

  NT0515414 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors NT0515414 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434
Fax: (775) 884-0670
www.ametherm.com
Part Number: NT05 15414
Resistance Temperature Curve:
Temperature
R@T/R@25
°C
-50
72.50
-45
50.84
-40
36.09
-35
25.92
-30
18.82
-25
13.80
-20
10.23
-15
7.646
-10
5.767
-5
4.387
0
3.363
5
2.599
10
2.024
15
1.589
20
1.256
25
1.000
30
0.8013
35
0.6461
40
0.5241
45
0.4276
50
0.3507
55
0.2894
60
0.2400
65
0.2001
70
0.1677
75
0.1412
80
0.1194
85
0.1014
90
0.08652
95
0.07409
100
0.06370
105
0.05497
110
0.04760
115
0.04139
120
0.03610
125
0.03160
130
0.02774
135
0.02443
140
0.02158
145
0.01912
150
0.01698


Similar Part No. - NT0515414

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
More results

Similar Description - NT0515414

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com