Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16209 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16209
Description  High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16209 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16209 Datasheet HTML 7Page - Analog Devices ADIS16209 Datasheet HTML 8Page - Analog Devices ADIS16209 Datasheet HTML 9Page - Analog Devices ADIS16209 Datasheet HTML 10Page - Analog Devices ADIS16209 Datasheet HTML 11Page - Analog Devices ADIS16209 Datasheet HTML 12Page - Analog Devices ADIS16209 Datasheet HTML 13Page - Analog Devices ADIS16209 Datasheet HTML 14Page - Analog Devices ADIS16209 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADIS16209
Rev. PrA | Page 11 of 16
BASIC OPERATION
The ADIS16209 requires only power/ground and SPI
connections. The SPI is simple to hook up and is supported by
many common digital hardware platforms. Figure 21 provides a
simple hook-up diagram, while Table 2, Figure 2, Figure 3
provide timing and bit assignments. Figure 4 provides the bit
sequence for accessing the register memory structure. Each
function within the ADIS16209 has its own register, which has a
unique, 6-bit address. Note that all 16 SCLK cycles are required
for the DIN bit sequence to configure the output for the next
data frame. The ADIS16209 supports full duplex mode
operation. Table 6 provides the entire user register map for the
ADIS16209. For each register, the lower byte’s address is given.
For those registers that have two bytes, the upper byte’s address
is simply the lower byte’s address, incremented by 0x01.
ADIS16209
EMBEDDED
PROCESSOR/
DSP/FPGA
PF
SCK
MOSI
MISO
CS
SCLK
DIN
DOUT
Figure 21. Typical SPI Hook-up
Many of the configuration registers have also been assigned
mirror locations in the flash memory, which effectively provides
them with a backup storage function. To assure the backup of
these registers, the COMMAND register provides an initiation
bit for manual flash updates. The ENDURANCE register
provides a running count of these events.
Table 6. User Register Map
Name
R/W
Flash Backup
Address
Size (Bytes)
Function
Reference
ENDURANCE
R
Yes
0x00
2
Diagnostics, flash write counter (16-bit binary)
SUPPLY_OUT
R
No
0x02
2
Output, power supply
Table 7
XACCL_OUT
R
No
0x04
2
Output, X-axis acceleration
Table 7
YACCL_OUT
R
No
0x06
2
Output, Y-axis acceleration
Table 7
AUX_ADC
R
No
0x08
2
Output, auxiliary ADC
Table 7
TEMP_OUT
R
No
0x0A
2
Output, temperature
Table 7
XINCL_OUT
R
No
0x0C
2
Output, ±90° X-axis inclination
Table 7
YINCL_OUT
R
No
0x0E
2
Output, ±90° Y-axis inclination
Table 7
ROT_OUT
R
No
0x10
2
Output, ±180° vertical rotational position
Table 7
XACCL_NULL
R/W
Yes
0x12
2
Calibration, X-Axis acceleration offset null
Table 16
YACCL_NULL
R/W
Yes
0x14
2
Calibration, Y-axis acceleration offset null
Table 16
XINCL_NULL
R/W
Yes
0x16
2
Calibration, X-axis inclination offset null
Table 17
YINCL_NULL
R/W
Yes
0x18
2
Calibration, Y-axis inclination offset null
Table 17
ROT_NULL
R/W
Yes
0x1A
2
Calibration, vertical rotation offset null
Table 17
0x1C to 0x1F
4
Reserved, do not write to these locations
ALM_MAG1
R/W
Yes
0x20
2
Alarm 1, amplitude threshold
Table 18
ALM_MAG2
R/W
Yes
0x22
2
Alarm 2, amplitude threshold
Table 18
ALM_SMPL1
R/W
Yes
0x24
2
Alarm 1, sample period
Table 19
ALM_SMPL2
R/W
Yes
0x26
2
Alarm 2, sample period
Table 19
ALM_CTRL
R/W
Yes
0x28
2
Alarm, source control register
Table 20
No
0x2A to 0x2F
6
Reserved
AUX_DAC
R/W
No
0x30
2
Auxiliary DAC data
Table 14
GPIO_CTRL
R/W
No
0x32
2
Operation, digital I/O configuration and data
Table 13
MSC_CTRL
R/W
No
0x34
2
Operation, data-ready and self-test control
Table 12
SMPL_PRD
R/W
Yes
0x36
2
Operation, sample rate configuration
Table 8
AVG_CNT
R/W
Yes
0x38
2
Operation, filter configuration
Table 10
SLP_CNT
W
Yes
0x3A
2
Operation, sleep mode control
Table 9
STATUS
R
No
0x3C
2
Diagnostics, system status register
Table 21
COMMAND
W
No
0x3E
2
Operation, system command register
Table 15


Similar Part No. - ADIS16209

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16209 AD-ADIS16209 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16209PCBZ AD-ADIS16209PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
More results

Similar Description - ADIS16209

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
   Digital 2-axis inclinometer
Rev. 4
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com