Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIF04ZPFC-01NTL Datasheet(PDF) 10 Page - Astec America, Inc

Part # AIF04ZPFC-01NTL
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF04ZPFC-01NTL Datasheet(HTML) 10 Page - Astec America, Inc

Back Button AIF04ZPFC-01NTL Datasheet HTML 6Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 7Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 8Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 9Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 10Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 11Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 12Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 13Page - Astec America, Inc AIF04ZPFC-01NTL Datasheet HTML 14Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 10 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Power Fail Warning Adjust
The level at which a Power Fail Warning occurs can be programmed using the PFW Adjust input (pin 12). If the pin is left
unconnected then the PFW operates at the default factory set value.
The output from the PFW ADJ pin is a 1mA current source. To adjust the PFW threshold, a voltage source (0 – 4Volts) or a
programming resistance (0 – 4Kohm) referenced to s S GND (pin 13) should be connected. This allows adjustment of the
PFW threshold from 280V up to 340V. The value of resistance or voltage required can be read from the graph above.
Clock Signals (CLK IN, CLK OUT)
The PFC’s internal clock is accurate and stable over its full operating range and synchronization is not normally required,
but it can reduce noise in paralleled systems.
Clock signals can be wired in series (the CLK OUT pin of one module to the CLK IN pin of the next etc) in which case all
the modules will be synchronized with the first module in the chain. Alternatively, an external clock signal of TTL level at
1MHz
± 10% can be connected to the CLK IN pins of all the modules.


Similar Part No. - AIF04ZPFC-01NTL

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF04ZPFC-01N ASTEC-AIF04ZPFC-01N Datasheet
117Kb / 2P
   1600 Watts
logo
Emerson Network Power
AIF04ZPFC-01NL EMERSON-NETWORKPOWER-AIF04ZPFC-01NL Datasheet
144Kb / 2P
   Unity power factor
logo
Artesyn Technologies
AIF04ZPFC-01NL ARTESYN-AIF04ZPFC-01NL Datasheet
549Kb / 3P
   Total Power: 1600 Watts
AIF04ZPFC-01NL ARTESYN-AIF04ZPFC-01NL Datasheet
549Kb / 3P
   Up to 1600 W output power
More results

Similar Description - AIF04ZPFC-01NTL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
H8D3190 MURATA-H8D3190 Datasheet
37Kb / 1P
   AC-DC Converter Module
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
   48V Output AC/DC Converter, Module Package
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com