Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIF-PFC Datasheet(PDF) 9 Page - Astec America, Inc

Part # AIF-PFC
Description  AC-DC Converter Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Datasheet(HTML) 9 Page - Astec America, Inc

Back Button AIF-PFC Datasheet HTML 5Page - Astec America, Inc AIF-PFC Datasheet HTML 6Page - Astec America, Inc AIF-PFC Datasheet HTML 7Page - Astec America, Inc AIF-PFC Datasheet HTML 8Page - Astec America, Inc AIF-PFC Datasheet HTML 9Page - Astec America, Inc AIF-PFC Datasheet HTML 10Page - Astec America, Inc AIF-PFC Datasheet HTML 11Page - Astec America, Inc AIF-PFC Datasheet HTML 12Page - Astec America, Inc AIF-PFC Datasheet HTML 13Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 9 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
DC-DC Converter Module Enable Output (LD ENABLE)
After the PFC power up sequence, the power to the load can be enabled. This can be performed manually or the PFC can
automatically enable the load using the LD ENABLE signal.
OUTPUT
VOLTAGE
LD
ENABLE
t  on
Output stabilized
LOW
HIGH
Depends on external inrush current limit circuit
Initially the load is disabled and the LD ENABLE (pin 15) is at 0.4V (LOW). When the PFC power up sequence has
completed, the LD ENABLE voltage goes HIGH. And the LD ENABLE will stay high as long as Vin is above 175Vac or
Vout is above 250V, even if PF_ENABLE is in disable mode. (Please see the application example section at P.25 for the
external circuit to interlock the LD-ENABLE from PF_ENABLE)
The LD ENABLE pin is capable of delivering 2.7mA at 1.5V when HIGH. See electrical specifications for exact figures.
Power Fail Warning
If output voltage can not be maintained at the pre-programmed PFW threshold voltage, the PFW (pin 14) will go from
HIGH to LOW.
INPUT
VOLTAGE
OUTPUT
VOLTAGE
PFW
PFWThreshold
The output of the PFW signal can drive an opto-coupler to provide an isolated signal from primary side to the secondary
side. The nominal factory set PFW threshold is set at 340V.


Similar Part No. - AIF-PFC

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AIF-PFC ADVANCEDENERGY-AIF-PFC Datasheet
533Kb / 5P
   1600 Watts
logo
Emerson Network Power
AIF-PFCSERIES EMERSON-NETWORKPOWER-AIF-PFCSERIES Datasheet
144Kb / 2P
   Unity power factor
More results

Similar Description - AIF-PFC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
H8D3190 MURATA-H8D3190 Datasheet
37Kb / 1P
   AC-DC Converter Module
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
   48V Output AC/DC Converter, Module Package
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com