Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6K204FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6K204FE
Description  High-Speed Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K204FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6K204FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K204FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K204FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K204FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K204FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K204FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SSM6K204FE
2007-11-01
4
Drain current ID (A)
|Yfs| – ID
0.1
10
1
10
0.1
1
3
0.3
0.01
Common Source
VDS = 3 V
Ta
= 25°C
Drain–source voltage VDS (V)
IDR – VDS
10
0
0.1
1
0.001
0.01
–0.2
–0.6
–0.4
–1.0
–0.8
−25 °C
Ta =100 °C
25 °C
–1.2
Drain–source voltage VDS (V)
C – VDS
10
0.1
1
10
100
100
1000
300
500
30
50
Ciss
Coss
Crss
Common Source
Ta
= 25°C
f
= 1 MHz
VGS = 0 V
Drain current ID (A)
t – ID
1
0.01
100
0.1
1000
1
10
toff
10
tf
ton
tr
Common Source
VDD = 10 V
VGS = 0 to 2.5 V
Ta
= 25 °C
RG = 4.7Ω
Total Gate Charge Qg (nC)
Dynamic Input Characteristic
0
0
VDD=10V
4
8
4
8
10
10
6
2
Common Source
ID = 2.0 A
Ta
= 25°C
VDD=16V
6
2
Common Source
VGS = 0 V
G
D
S
IDR


Similar Part No. - SSM6K204FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6K204FE TOSHIBA-SSM6K204FE Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM6K204FE TOSHIBA-SSM6K204FE_14 Datasheet
205Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
More results

Similar Description - SSM6K204FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com