Part Name
         Description
SSM6K30FE

 Field Effect Transistor Silicon P Channel MOS Type (Π-MOSⅦ) High speed switching DC-DC Converter ( 6 Page)


TOSHIBA
100% 
Zoom Out Zoom In
   
 4 page
background image
SSM6K30FE
2007-11-01
4
|Y fs| - ID
1
10
100
1000
10000
0.001
0.01
0.1
1
10
Drain current ID (A)
Common Source
VDS=5V
Ta=25℃
IDR - V DS
0
0.5
1
1.5
2
2.5
3
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Drain-Source voltage VDS (V)
Common Source
VGS=0
Ta=25℃
C - V DS
1
10
100
1000
0.1110
100
Drain-Source voltage VDS (V)
Common Source
VGS=0V
f=1MHz
Ta=25℃
Ciss
Coss
Crss
t - ID
0.1
1
10
100
1000
0.01
0.1
1
10
Drain curren ID (A)
Common Source
VDD=10V
VGS=0~ 4V
Ta=25℃
toff
tf
ton
tr
Dynamic In put Chara cteristic
0
2
4
6
8
10
12
00.5
11.5
2
2.5
33.5
Tatal gate charge Qg (nC)
Common Source
VDD=16V
ID=1.2A
Ta=25℃



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
SSM3J16TEField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J01FField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J15FField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J15FSField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J15FUField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J15FVField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J15TEField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J16CTField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
SSM3J16FSField Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl