Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS325R020 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # MS325R020
Description  Circuit Protection Thermistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

MS325R020 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  MS325R020 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701
Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com
DATA SHEET
Part Number: MS32 5R020
Ordering Different Lead Types:
Inside Kinked Leads
Not available
Outside Kinked Leads
Use –B after Ametherm’s Part #
For example: to order an outside kinked lead use part number MS32 5R020-B
Resistance @ 25°C
5.0 Ω ± 25%
Max Steady State Current Up to 65°C
20.0 A
Max Recommended Energy Rating
300.0 J
Actual Failure Point of Instantaneous
Energy
670.0 J
Resistance @ 100 % of Maximum Current
0.035 Ω
Resistance @ 50% of Maximum Current
0.100 Ω
Body Temperature @ Max Current
204 °C
Dissipation Constant
55.4 mW/°C
Thermal Time Constant
194 seconds
Material Type
“G”
Max Recommended Capacitance @
240/440 VAC
5200
µF/1500µF
D
30.0 ±2.5 mm
T
7.0 ± 1.0 mm
Lead Diameter
1.0 ± 0.1 mm
S
7.8 ± 2.0 mm
L
38.0 ± 9.0 mm
Coating Run Down
Straight Leads
5.0 ± 1.0 mm
B
9.22 ± 0.85 mm
C
3.82 ± 1.0 mm
Revision Date April 13, 2005
L
OUTSIDE
KINKED LEADS
S
STRAIGHT
LEADS
B
INSIDE
KINKED LEADS
S
S
D
D
D
C
T


Similar Part No. - MS325R020

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS325R020 AMETHERM-MS325R020 Datasheet
29Kb / 2P
   Erin Landis
MS325R020 AMETHERM-MS325R020_14 Datasheet
29Kb / 2P
   Erin Landis
More results

Similar Description - MS325R020

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1215102 AMETHERM-MS1215102 Datasheet
35Kb / 1P
   Circuit Protection Thermistors
SL321R036 AMETHERM-SL321R036 Datasheet
159Kb / 1P
   Circuit Protection Thermistors
SL2210007 AMETHERM-SL2210007 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
SL2210009-17 AMETHERM-SL2210009-17 Datasheet
30Kb / 1P
   Circuit Protection Thermistors
SL2212102 AMETHERM-SL2212102 Datasheet
31Kb / 1P
   Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
NT0510052 AMETHERM-NT0510052 Datasheet
73Kb / 1P
   Circuit Protection Thermistors
NT0515311 AMETHERM-NT0515311 Datasheet
32Kb / 2P
   Circuit Protection Thermistors
NT0520052 AMETHERM-NT0520052 Datasheet
77Kb / 2P
   Circuit Protection Thermistors
SL1510005 AMETHERM-SL1510005 Datasheet
29Kb / 1P
   Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
   Circuit Protection Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com