Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HC4094AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC4094AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift and Store Register (3-state)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4094AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC4094AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4094AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74HC4094AP/AF/AFN
2007-10-01
3
System Diagram
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5 to 7
V
DC input voltage
VIN
−0.5 to VCC + 0.5
V
DC output voltage
VOUT
−0.5 to VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.


Similar Part No. - TC74HC4094AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
More results

Similar Description - TC74HC4094AP_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC595AP TOSHIBA-TC74HC595AP_07 Datasheet
439Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register/Latch (3-state)
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74AC299P TOSHIBA-TC74AC299P_07 Datasheet
425Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronousclear
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Toshiba Semiconductor
TC74HC4094AP TOSHIBA-TC74HC4094AP Datasheet
303Kb / 8P
   8-BIT SHIFT AND STORE REGISTER (3-STAFE)
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74ACT164F TOSHIBA-TC74ACT164F_07 Datasheet
233Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74ACT299P TOSHIBA-TC74ACT299P Datasheet
445Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit PIPO Shift Register with Asynchronous Clear
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com