Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM5P05FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM5P05FU
Description  Power Management Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5P05FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM5P05FU_07 Datasheet HTML 1Page - Toshiba Semiconductor SSM5P05FU_07 Datasheet HTML 2Page - Toshiba Semiconductor SSM5P05FU_07 Datasheet HTML 3Page - Toshiba Semiconductor SSM5P05FU_07 Datasheet HTML 4Page - Toshiba Semiconductor SSM5P05FU_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM5P05FU
2007-11-01
2
Marking
Equivalent Circuit (top view)
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±12 V, VDS = 0
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = −1 mA, VGS = 0
−20
V
Drain cut-off current
IDSS
VDS = −20 V, VGS = 0
−1
μA
Gate threshold voltage
Vth
VDS = −3 V, ID = −0.1 mA
−0.6
−1.1
V
Forward transfer admittance
⎪Yfs
VDS = −3 V, ID = −50 mA
(Note2)
100
mS
ID = −100 mA, VGS = −4 V (Note2)
2.1
3.3
Drain-Source ON resistance
RDS (ON)
ID = −50 mA, VGS = −2.5 V (Note2)
3.2
4.0
Ω
Input capacitance
Ciss
27
pF
Reverse transfer capacitance
Crss
7
pF
Output capacitance
Coss
VDS = −3 V, VGS = 0, f = 1 MHz
21
pF
Turn-on time
ton
70
Switching time
Turn-off time
toff
VDD = −3 V, ID = −50 mA,
VGS = 0~−2.5 V
70
ns
Note2: Pulse test
Switching Time Test Circuit (Q1, Q2 Common)
Precaution
Vth can be expressed as voltage between gate and source when low operating current value is ID = −100 μA for
this product. For normal switching operation, VGS (on) requires higher voltage than Vth and VGS (off) requires
lower voltage than Vth. (Relationship can be established as follows: VGS (off) < Vth < VGS (on) )
Please take this into consideration for using the device.
D H
5
4
1
2
3
Q1
Q2
54
123
(c)VOUT
VDD = −3 V
Duty <= 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
VDD
OUT
IN
0
−2.5 V
10
μs
RL
(b) VIN
ton
90%
10%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD
(a) Test circuit


Similar Part No. - SSM5P05FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
More results

Similar Description - SSM5P05FU_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
   Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
   Power Management Switch
SSM6P05FU TOSHIBA-SSM6P05FU_07 Datasheet
154Kb / 5P
   Power Management Switch
logo
Rohm
BD6520F ROHM-BD6520F Datasheet
207Kb / 6P
   Power Management Switch
BD6522F ROHM-BD6522F Datasheet
205Kb / 6P
   Power Management Switch
logo
Toshiba Semiconductor
SSM6L05FU TOSHIBA-SSM6L05FU_07 Datasheet
203Kb / 8P
   Power Management Switch
SSM6J08FU TOSHIBA-SSM6J08FU_07 Datasheet
187Kb / 6P
   Power Management Switch
logo
Fujitsu Component Limit...
MB3802 FUJITSU-MB3802 Datasheet
124Kb / 15P
   Power Management Switch
logo
Toshiba Semiconductor
SSM6J06FU TOSHIBA-SSM6J06FU_07 Datasheet
666Kb / 6P
   Power Management Switch
SSM3K123TU TOSHIBA-SSM3K123TU Datasheet
161Kb / 6P
   Power Management Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com