Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT250DBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT250DBT
Description  LVDS 4x4 CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT250DBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LVDT250DBT Datasheet HTML 4Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 5Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 6Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 7Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 8Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 9Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 10Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 11Page - Texas Instruments SN65LVDT250DBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
DE
VOY or VOZ
VOZ or VOY
3 V
1.5 V
0 V
1.4 V
1.25 V
1.2 V
1.2 V
1.15 V
1 V
tPZH
tPHZ
tPZL
tPLZ
Y
Z
1 pF
VOY
VOZ
49.9
Ω ±1%
1.2 V
49.9
Ω ±1%
1 V or 1.4 V
1.2 V
DE
Clock Input
0 V
VA
VB
1/fo
PRBS Input
0 V
VA
VB
PRBS Output
0 V
VY
VZ
0 V
0 V
0 V
VY - VZ
VY - VZ
VY - VZ
Actual Output
Ideal Output
1/fo
Period Jitter
Cycle-to-Cycle Jitter
Peak-to-Peak Jitter
Actual Output
tjit(pp)
tc(n)
tc(n)
tc(n +1)
tjit(pp) = | tc(n) - 1/fo |
tjit(cc) = | tc(n) - tc(n + 1) |
SN65LVDS250
SN65LVDT250
SLLS594B – MARCH 2004 – REVISED OCTOBER 2004
PARAMETER MEASUREMENT INFORMATION (continued)
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
± 10 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the DUT.
Figure 5. Enable and Disable Time Circuit and Definitions
A.
All input pulses are supplied by an Agilent 81250 Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software.
Figure 6. Driver Jitter Measurement Waveforms
8


Similar Part No. - SN65LVDT250DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT250DBT TI-SN65LVDT250DBT Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT250DBTR TI-SN65LVDT250DBTR Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT250DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com