Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM5H07TU Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # SSM5H07TU
Description  Silicon Epitaxial Schottky Barrier Diode DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H07TU Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button SSM5H07TU Datasheet HTML 2Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 3Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 4Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 5Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 6Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 7Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 8Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 9Page - Toshiba Semiconductor SSM5H07TU Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SSM5H07TU
2007-11-01
8
SBD Electrical Characteristics Graph
IF – VF (SBD)
Forward Voltage VF (V)
1
1000
100
10
0.1
0.4
0.5
0.7
75
50
Ta
= 25°C
0
0
0.2
0.3
0.6
85
Reverse Voltage VR (V)
IR – VR (SBD)
10
0.001
0
1
0.1
0.01
12
3
Pulse measurement
Ta
= 25°C
50
6
9
75
85
Reverse Voltage VR (V)
CT – VR (SBD)
3000
1
10
100
1000
0.01
0.1
1
10
100
f
= 1 MHz
Ta
= 25°C


Similar Part No. - SSM5H07TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5H07TU TOSHIBA-SSM5H07TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM5H07TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5H08TU TOSHIBA-SSM5H08TU Datasheet
268Kb / 10P
   Silicon Epitaxial Schottky Barrier Diode DC-DC Converter
logo
Sanyo Semicon Device
MCH6731 SANYO-MCH6731 Datasheet
51Kb / 5P
   PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
MCH6732 SANYO-MCH6732 Datasheet
49Kb / 5P
   NPN Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
MCH5810 SANYO-MCH5810 Datasheet
53Kb / 6P
   MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode DC / DC Converter Applications
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
   Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
   SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
   Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com