Part Name
         Description
SSM5H07TU

 Silicon Epitaxial Schottky Barrier Diode DC-DC Converter ( 10 Page)


TOSHIBA
100% 
Zoom Out Zoom In
 
 5 page
background image
SSM5H07TU
2007-11-01
5
MOS Electrical Characteristics Graph
Drain-Source Voltage VDS (V)
ID – VDS
0
2
0
0.4
0.8
1.2
1.6
1.5
0.5
1
6 V
2.5
2
3 V
Common Source
Ta
= 25°C
2.5 V
4 V
VGS = 10 V
Gate-Source Voltage VGS (V)
ID – VGS
100
0.0001
0
1
10
0.01
0.1
0.001
4
0.5
1.5
−25°C
Common Source
VDS = 5 V
Ta
= 100°C
25°C
1
3.5
3
2.5
2
4.5
0
4
10
Gate-Source Voltage VGS (V)
8
0
0.2
0.6
0.8
1
RDS (ON) – VGS
25°C
ID = 0.6 A
Common Source
6
2
0.4
Ta
= 100°C
−25°C
Drain Current ID (A)
RDS (ON) – ID
1
0
0.2
1
0.4
0.6
0.8
10 V
0
0.5
1.5
2
2.5
Common Source
Ta
= 25°C
VGS = 4 V
Ambient Temperature Ta (°C)
Vth – Ta
2
0
−25
0
25
150
0.4
0.8
1.6
50
75
100
125
1.2
Common Source
VDS = 5V
ID = 0.1mA
Ambient Temperature Ta (°C)
RDS (ON) – Ta
Common Source
ID = 0.6 A
1
0
−25
VGS = 4 V
0
50
150
0.2
0.4
0.6
0.8
100
10 V
25
75
125



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCH6731PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
MCH6732NPN Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications 1 2 3 4 5 Sanyo Semicon Device
JDH3D01FVDiode Silicon Epitaxial Schottky Barrier Type For wave detection 1 2 3 4 5 Toshiba Semiconductor
JDH3D01SDiode Silicon Epitaxial Schottky Barrier Type For wave detection 1 2 3 4 Toshiba Semiconductor
MCH5810MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode DC / DC Converter Applications 1 2 3 4 5 MoreSanyo Semicon Device
HSL226_07Silicon Schottky Barrier Diode for High Speed Switching 1 2 3 4 5 Renesas Technology Corp
CPH5846MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device
MCH5812MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications 1 2 3 4 5 MoreSanyo Semicon Device
SCH2822MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device
VEC2814MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl