Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM339AD Datasheet(PDF) 15 Page - Texas Instruments

Part No. LM339AD
Description  QUAD DIFFERENTIAL COMPARATORS
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 15 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM239ADR
D
14
SITE 27
330
16
6.5
9.0
2.1
8
16
Q1
LM239ADR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM239DR
D
14
SITE 27
330
16
6.5
9.0
2.1
8
16
Q1
LM239DR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM239PWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
LM2901DR
D
14
SITE 27
330
16
6.5
9.0
2.1
8
16
Q1
LM2901DR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM2901NSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM2901PWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
LM339ADBR
DB
14
SITE 41
330
16
8.2
6.6
2.5
12
16
Q1
LM339ADR
D
14
SITE 27
330
16
6.5
9.0
2.1
8
16
Q1
LM339ADR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM339ANSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM339APWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
LM339DBR
DB
14
SITE 41
330
16
8.2
6.6
2.5
12
16
Q1
LM339DR
D
14
SITE 27
330
16
6.5
9.0
2.1
8
16
Q1
LM339DR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM339NSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM339PWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Oct-2007
Pack Materials-Page 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LP239_06LOW-POWER QUAD DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LM139_06QUAD DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LM193_07DUAL DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LP2901-Q1LOW-POWER QUAD DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreTexas Instruments
LP211_06LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES 1 2 3 4 5 MoreTexas Instruments
PI90LV048A3V LVDS Quad Flow-Through Differential Line Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
DS96F174RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
CA139_01Quad Voltage Comparators for Industrial Commercial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
MC10EP105_063.3V / 5V ECL Quad 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl