Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM339AD Datasheet(PDF) 10 Page - Texas Instruments

Part No. LM339AD
Description  QUAD DIFFERENTIAL COMPARATORS
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-7700801VCA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
5962-87739012A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
5962-8773901CA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
5962-8773901DA
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
77008012A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
7700801CA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
7700801DA
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
JM38510/11201BCA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139AD
ACTIVE
SOIC
D
14
50
TBD
CU NIPDAU
Level-3-245C-168 HR
LM139ADG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM139ADR
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
LM139ADRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM139AFKB
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
LM139AJ
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139AJB
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139AN
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
LM139AW
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139AWB
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139D
ACTIVE
SOIC
D
14
50
TBD
CU NIPDAU
Level-1-220C-UNLIM
LM139DG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM139DR
ACTIVE
SOIC
D
14
2500
TBD
CU NIPDAU
Level-1-220C-UNLIM
LM139DRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM139FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
LM139FKB
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
LM139J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139JB
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
LM139W
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM139WB
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
LM239AD
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM239ADE4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM239ADG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM239ADR
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM239ADRE4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
LM239ADRG4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
CU NIPDAU
Level-1-260C-UNLIM
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LP239_06LOW-POWER QUAD DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LM139_06QUAD DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LM193_07DUAL DIFFERENTIAL COMPARATORS 1 2 3 4 5 MoreTexas Instruments
LP2901-Q1LOW-POWER QUAD DIFFERENTIAL COMPARATOR 1 2 3 4 5 MoreTexas Instruments
LP211_06LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES 1 2 3 4 5 MoreTexas Instruments
PI90LV048A3V LVDS Quad Flow-Through Differential Line Receivers 1 2 3 4 5 MorePericom Semiconductor Corporation
DS96F174RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER 1 2 3 4 5 MoreNational Semiconductor (TI)
CA139_01Quad Voltage Comparators for Industrial Commercial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
MC10EP105_063.3V / 5V ECL Quad 2−Input Differential AND/NAND 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl