Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ75Y48N-TI1 Datasheet(PDF) 9 Page - Astec America, Inc

Part # AEQ75Y48N-TI1
Description  Industry StandardBrick: 36V-75V Input / 1.8V @ 75A Output Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ75Y48N-TI1 Datasheet(HTML) 9 Page - Astec America, Inc

Back Button AEQ75Y48N-TI1 Datasheet HTML 4Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 5Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 6Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 7Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 8Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 9Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 10Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 11Page - Astec America, Inc AEQ75Y48N-TI1 Datasheet HTML 12Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Reference Notes
AEQ75Y48 Series
(Single Output Quarter Brick)
MODEL: AEQ75Y48 SERIES
SHEET 9 OF 12
JULY 21, 2005 - REVISION 01
Performance Curves
Figure 8. Output Ripple Waveform at VIN = 48Vdc,
TA = 25ºC, IO = 75A.
Figure 7. Output Power Derating Curves at VIN = 48Vdc.
Output Current vs. Temper ature
0
15
30
45
60
75
25
35
45
55
65
75
85
Ambient Temperature [°C]
0 LFM (0 m/s)
100 LFM (0.5 m/s)
200 LFM (1m/s)
400 LFM (3 m/s)
Figure 5. Efficiency vs. Load Current at Baseplate
Temperature, TB = 45ºC.
Efficiency vs. Output Current, T
B = 45°C
55%
60%
65%
70%
75%
80%
85%
90%
95%
0
20
40
60
Output Current [A]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc
Figure 6. Power Dissipation vs. Load Current at Baseplate
Temperature, TB = 45ºC.
Power Dissipation vs. Output Current, T
B=45°C
0
2
4
6
8
10
12
14
16
18
20
22
0
15
30
45
60
75
Output Current [A]
Vin = 36Vdc
Vin = 48Vdc
Vin = 75Vdc


Similar Part No. - AEQ75Y48N-TI1

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ75Y48N-3 ASTEC-AEQ75Y48N-3 Datasheet
275Kb / 2P
   75 Amps
AEQ75Y48N-6 ASTEC-AEQ75Y48N-6 Datasheet
275Kb / 2P
   75 Amps
AEQ75Y48N-63 ASTEC-AEQ75Y48N-63 Datasheet
275Kb / 2P
   75 Amps
More results

Similar Description - AEQ75Y48N-TI1

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com