Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ15AF48N-6 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEQ15AF48N-6
Description  Industry StandardBrick w/ Baseplate: 36V-75V Input; 60W Output Power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48N-6 Datasheet(HTML) 1 Page - Astec America, Inc

  AEQ15AF48N-6 Datasheet HTML 1Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 2Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 3Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 4Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 5Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 6Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 7Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 8Page - Astec America, Inc AEQ15AF48N-6 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 1 OF 15
JUNE 16, 2003 - REVISION 01
AEQ15AF48 - 5V/3.3V Dual Output DC-DC Converter Module
Industry Standard ¼ Brick w/ Baseplate: 36V-75V Input; 60W Output Power
The AEQ15 series is among Astec's dual output; high-density converter offering that comes in an industry standard ¼ brick
baseplate package. The AEQ15 series has been designed to deliver 60W of clean, well-regulated DC power for today's
demanding loads at high efficiency levels (89% typical for 30W/30W power split between rails). The 5V rail is capable of
delivering 12A max and the 3.3V rail is capable of delivering 15A max for a maximum output power of 60W. The module
comes with industry standard feature sets such as output enable with positive or negative logic options; input UVLO, output
trim, over current, over voltage and over temperature protection.
Special Features
Industry Standard ¼ Brick Footprint with
Baseplate
High Efficiency @ 89% (60W full load)
Positive and Negative Logic Enable Options
High Capacitive Load Start-up
Fixed Switching Frequency for EMI
predictability
Output Trim
Input Under-Voltage Lockout
Basic insulation
Environmental Specifications
-40ºC to 100ºC Base plate Temperature
-40ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
89% (typ. at balanced load)
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
5V @ 12A max
3.3V @ 15A max
60W Total Output Power
Regulation (Typ)
± 4% VO (5V)
± 3% VO (3V3)
Ripple and Noise
80mVPK-PK max (5V output)
60mVPK-PK max (3.3V output)
Output Voltage
Adjust Range
±10% VO,NOM
Transient Response
2% VO deviation (Typ)
50% to 75% Load Change
< 100
µsec settling time (Typ)
Over Current
Protection
120% IO,MAX
Switching Frequency 360kHz
Safety
UL 1950, 3
rd Edition
CSA C22.2 No 950-95
EN60950 through TUV-PS


Similar Part No. - AEQ15AF48N-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ15AF48N-6 ASTEC-AEQ15AF48N-6 Datasheet
61Kb / 2P
   Total Power: 60 Watts, Input Voltages: 48V, No. of Outputs: Dual
logo
Emerson Network Power
AEQ15AF48N-6 EMERSON-NETWORKPOWER-AEQ15AF48N-6 Datasheet
61Kb / 2P
   High Efficiency
More results

Similar Description - AEQ15AF48N-6

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
ALQ25B50 ASTEC-ALQ25B50_03 Datasheet
839Kb / 11P
   Industry Standard 쩌 Brick: 300W DC Transformer
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com