Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4157L6X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSA4157L6X
Description  Low-Voltage, 1廓 SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4157L6X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSA4157L6X Datasheet HTML 3Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 4Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 5Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 6Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 7Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 8Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 9Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 10Page - Fairchild Semiconductor FSA4157L6X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA4157.FSA4157A Rev. 1.0.2
7
Typical Performance Characteristics (Continued)
2.500
–40°C
VIN = 1.500V
RON = 2.032Ω
2.160
1.819
1.479
1.139
0.799
-0.600
0.000
0.600
1.200
VIN (V)
1.800
2.400
3.000
25°C
VIN = 1.500V
RON = 2.161Ω
85°C
VIN = 1.500V
RON = 2.322Ω
Figure 6. RON Switch On Resistance, ION = 100mA, VCC = 2.7
1.500
–40°C
VIN = 3.500V
RON = 804.300mΩ
1.327
1.154
0.981
0.808
0.635
-0.960
0.000
0.960
1.920
VIN (V)
2.880
3.840
4.800
25°C
VIN = 3.500V
RON = 999.800mΩ
85°C
VIN = 3.500V
RON = 1.182Ω
Figure 7. RON Switch On Resistance, ION = 100mA, VCC = 4.5V


Similar Part No. - FSA4157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157L6X FAIRCHILD-FSA4157L6X Datasheet
679Kb / 14P
   Low Voltage 1OHM SPDT Analog Switch
logo
ON Semiconductor
FSA4157L6X ONSEMI-FSA4157L6X Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
FSA4157L6X FAIRCHILD-FSA4157L6X_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
More results

Similar Description - FSA4157L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM3157 SGMICRO-SGM3157 Datasheet
417Kb / 10P
   4.5廓 Low Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157 Datasheet
418Kb / 10P
   0.8廓 Low-Voltage SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com