Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6408MTC144 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMS6408MTC144
Description  Precision Triple Video Filter Driver for RGB and YUV Signals
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408MTC144 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6408MTC144 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6408 Rev. 3.0.0
2
Ordering Information (Continued)
Part Number
Clamping
Mode
Peaking
Mode
(dB)
YOUT
Level
(mV)
UOUT
Level
(V)
Package
Packing
Method
FMS6408MTC144
YPbPr/YC
1.3
250
1.125
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC145
YUV/RGB
0
250
250
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC146
YUV/RGB
0.4
250
250
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC147
YUV/RGB
0.9
250
250
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC148
YUV/RGB
1.3
250
250
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC149
YC/CV
0
250
1.125
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC1410
YC/CV
0.4
250
1.125
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC1411
YC/CV
0.9
250
1.125
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
FMS6408MTC1412
YC/CV
1.3
250
1.125
14-Lead, Thin Shrink Small Outline
Package (TSSOP)
94 Units Tube
Notes
:
1.
All packages are Pb-free per JEDEC J-STD-020B standard.
2.
Factory programming options allow a single die to be configured for multiple operating modes.
Block Diagram
8MHz
*
Sync Processing
6d
B
gM
250mV
Y
OUT
YINA
YINB
6d
B
gM
UOUT
UINA
UINB
6d
B
gM
250mV or
1.125V *
VOUT
VINA
VINB
BYPASS (BYPASS/FILTER)
INMUX (A/B)
* Factory Selected Clamp
and Peaking Levels
250mV or
1.125V *
8MHz
*
8MHz
*
Figure 1. Block Diagram


Similar Part No. - FMS6408MTC144

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC144 FAIRCHILD-FMS6408MTC144 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408MTC144

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com