Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCF4067BM1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4067BM1
Description  ANALOG SINGLE 16 CHANNEL MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4067BM1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4067BM1 Datasheet HTML 2Page - STMicroelectronics HCF4067BM1 Datasheet HTML 3Page - STMicroelectronics HCF4067BM1 Datasheet HTML 4Page - STMicroelectronics HCF4067BM1 Datasheet HTML 5Page - STMicroelectronics HCF4067BM1 Datasheet HTML 6Page - STMicroelectronics HCF4067BM1 Datasheet HTML 7Page - STMicroelectronics HCF4067BM1 Datasheet HTML 8Page - STMicroelectronics HCF4067BM1 Datasheet HTML 9Page - STMicroelectronics HCF4067BM1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HCF4067B
7/10
APPLICATION INFORMATION
In applications where separate power sources are
used to drive VDD and the signal inputs, the VDD
current capability should exceed VDD/RL (RL =
effective external load). This provision avoids
permanent current flow or clamp action on the
VDD supply when power is applied or removed
from the HCF4067B.
When switching from one address to another,
some of the ON periods of the channels of the
multiplexers will overlap momentarily, which may
be objectionable in certain applications. Also,
when a channel is turned ON or OFF by an
address input, there is a momentary conductive
path from the channel to VSS, which will dump
some charge from any capacitor connected to the
input or output of the channel. The inhibit input
turning on a channel will similarly dump some
charge to VSS.
The amount of charge dumped is mostly a
function of the signal level above VSS. Typically, at
VDD - VSS = 10V, a 100 pF capacitor connected to
the input or output of the channel will lose 3-4% of
its voltage at the moment the channel turns ON or
OFF.
This
loss
of
voltage
is
essentially
independent of the address or inhibit signal
transition time, if the transition time is less than 1-
2 ms. When the inhibit signal turns a channel off,
there is no change dumping of VSS. Rather, there
is a slight rise in the channel voltage level (65 mV
typ.) due to the capacitance coupling from inhibit
input to channel input or output. Address input
also couple some voltage steps onto the channel
signal levels.
In certain applications, the external load-resistor
current may include both VDD and signal line
components. To avoid drawing VDD current when
switch current flows into the transmission gate
inputs, the voltage drop across the bidirectional
switch must not exceed 0.8V (calculated from RON
values
shown
in
ELECTRICAL
CHARACTERISTICS CHART). No VDD current
will flow through RL if the switch current flows into
terminal 1 on the HCF4067B.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)


Similar Part No. - HCF4067BM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4067BM1 STMICROELECTRONICS-HCF4067BM1 Datasheet
336Kb / 16P
   ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - HCF4067BM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com