Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24123 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24123
Description  SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24123 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24123 Datasheet HTML 1Page - Texas Instruments BQ24123 Datasheet HTML 2Page - Texas Instruments BQ24123 Datasheet HTML 3Page - Texas Instruments BQ24123 Datasheet HTML 4Page - Texas Instruments BQ24123 Datasheet HTML 5Page - Texas Instruments BQ24123 Datasheet HTML 6Page - Texas Instruments BQ24123 Datasheet HTML 7Page - Texas Instruments BQ24123 Datasheet HTML 8Page - Texas Instruments BQ24123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
V
IREG +
1V
RSET1
1000,
V
IREG*PRE +
0.1V
RSET2
1000,
bq24120
bq24123
bq24125
SLUS688E – MARCH 2006 – REVISED DECEMBER 2007
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VCC > VCC(min), PWM switching
10
mA
IVCC(VCC)
VCC supply current
VCC > VCC(min), PWM NOT switching
5
VCC > VCC(min), CE = HIGH
315
µA
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 4.2 V,
3.5
VCC < V(SLP) or VCC > V(SLP) but not in charge
Battery discharge sleep current, (SNS,
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 8.4 V,
I(SLP)
5.5
µA
BAT, OUT pins)
VCC < V(SLP) or VCC > V(SLP) but not in charge
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 12.6 V,
7.7
VCC < V(SLP) or VCC > V(SLP) but not in charge
VOLTAGE REGULATION
CELLS = Low, in voltage regulation
4.2
Output voltage, bq24123
VOREG
CELLS = High, in voltage regulation
8.4
V
Output voltage, bq24120
Operating in voltage regulation
4.2
Feedback regulation REF for bq24125 only
VIBAT
IIBAT = 25 nA typical into pin
2.1
(W/FB)
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
–1%
1%
CURRENT REGULATION - FAST CHARGE
VLOWV ≤ VI(BAT) < VOREG,
IOCHARGE
Output current range of converter
150
2000
mA
V(VCC) - VI(BAT) > V(DO-MAX)
100 mV
≤ VIREG≤ 200 mV,
(1)
VIREG
Voltage regulated across R(SNS) Accuracy
–10%
10%
Programmed Where
5 k
Ω ≤ RSET1 ≤ 10 kΩ, Select RSET1 to
program VIREG,
VIREG(measured) = IOCHARGE ×RSNS
(–10% to 10% excludes errors due to RSET1
and R(SNS) tolerances)
V(LOWV) ≤ VI(BAT) ≤ VO(REG),
V(ISET1)
Output current set voltage
1
V
V(VCC) ≥ VI(BAT) + V (DO-MAX)
VLOWV ≤ VI(BAT) < VO(REG) ,
K(ISET1)
Output current set factor
1000
V/A
V(VCC) ≥ VI(BAT) + V(DO-MAX)
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition voltage
VLOWV
68
71.4
75
%VO(REG)
threshold, BAT
Deglitch time for precharge to fast charge
Rising voltage;
t
20
30
40
ms
transition
tRISE, tFALL = 100 ns, 2-mV overdrive
IOPRECHG
Precharge range
VI(BAT) < VLOWV, t < tPRECHG
15
200
mA
V(ISET2)
Precharge set voltage, ISET2
VI(BAT) < VLOWV, t < tPRECHG
100
mV
K(ISET2)
Precharge current set factor
1000
V/A
10 mV
≤ VIREG-PRE ≤ 100 mV,
(1)
VIREG-PRE
Voltage regulated across RSNS-Accuracy
–20%
20%
Where
1.0 k
Ω ≤ RSET2 ≤ 10 kΩ, Select RSET2
to program VIREG-PRE,
VIREG-PRE (Measured) = IOPRE-CHG × RSNS
(–20% to 20% excludes errors due to RSET2
and RSNS tolerances)
CHARGE TERMINATION (CURRENT TAPER) DETECTION
ITERM
Charge current termination detection range
VI(BAT) > VOREG- VRCH
15
200
mA
(1)
Inductor peak current should be less than 2.6 A. Use equations 12, 13, 15, 18, and 19 to make sure the peak inductor current is less
than 2.6 A.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24120 bq24123 bq24125


Similar Part No. - BQ24123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24123 TI-BQ24123 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24123RHLR TI-BQ24123RHLR Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24123RHLR TI1-BQ24123RHLR Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24123RHLRG4 TI-BQ24123RHLRG4 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24123RHLRG4 TI1-BQ24123RHLRG4 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results

Similar Description - BQ24123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI-BQ24120 Datasheet
2Mb / 32P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com