Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HCT4053AFN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HCT4053AFN
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AFN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74HCT4053AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 9Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 10Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
7
Switching Characteristics Test Circuits
1. tpLZ, tpHZ, tpZL, tpZH
2. Cross Talk (control input
− switch output)
fIN = 1 MHz duty = 50% tr = tf = 6 ns
3. Feedthrough Attenuation
4. CIOS, CIS, COS
3 V
GND
VOH
VOL
VOH
VOL
90%
tpHZ
tpLZ
10%
tpZL
tpZH
1.3 V
1.3 V
1.3 V
90%
10%
VC
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
6 ns
6 ns
1 k
Ω
S2
GND
VEE
VCC
C
S1
from
P.G
O/I
I/O
VCC
VCC
GND
from
P.G
−VCC
GND
VEE
VCC
C
O/I
I/O
VCC
0.1
μF
VIN
GND
VEE
VCC
C
O/I
I/O
VCC
(COMMON)
(SWITCH)
CIOS
GND
VEE
VCC
C
O/I
I/O


Similar Part No. - TC74HCT4053AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT00 TOSHIBA-TC74HCT00 Datasheet
192Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74HCT00AF TOSHIBA-TC74HCT00AF Datasheet
192Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74HCT00AF TOSHIBA-TC74HCT00AF Datasheet
254Kb / 7P
   Quad 2-Input NAND Gate
TC74HCT00AFN TOSHIBA-TC74HCT00AFN Datasheet
192Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74HCT00AFN TOSHIBA-TC74HCT00AFN Datasheet
254Kb / 7P
   Quad 2-Input NAND Gate
More results

Similar Description - TC74HCT4053AFN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com