Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74HCT688AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT688AP
Description  8-Bit Equality Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT688AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT688AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT688AP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74HCT688AP/AF
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT688AP,TC74HCT688AF
8-Bit Equality Comparator
The TC74HCT688A is a high speed CMOS 8-BIT EQUALITY
COMPARATOR fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage leveles.
The TC74HCT688A compares two 8-bit binary or BCD words
applied inputs P0~P7, and inputs Q0~Q7, and indicates whether
or not they are equal.
A signal active low enable is provided to facilitate cascading of
several packege to compare of words greater than 8 bits.
All inputs are equipped with protection circuits against atatic
discharge or transient excess voltage.
Features
• High speed: tpd = 17 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIH = 2.0 V (min)
VIL = 0.8 V (max)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74LS688
Pin Assignment
TC74HCT688AP
TC74HCT688AF
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)


Similar Part No. - TC74HCT688AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
   8-BIT EQUALITY COMPARATOR
More results

Similar Description - TC74HCT688AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
   8-BIT EQUALITY COMPARATOR
logo
STMicroelectronics
M54HCT688 STMICROELECTRONICS-M54HCT688 Datasheet
242Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
   8-BIT EQUALITY COMPARATOR
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
   8 BIT EQUALITY COMPARATOR
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
   8 BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
MM74HC688 FAIRCHILD-MM74HC688 Datasheet
99Kb / 7P
   8-Bit Magnitude Comparator (Equality Detector)
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
   8-Bit Magnitude Comparator (Equality Detector)
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
   RAD-HARD 8 BIT EQUALITY COMPARATOR
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP Datasheet
207Kb / 5P
   8BIT EQUALITY COMPARATOR
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com