Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALH60F48 Datasheet(PDF) 3 Page - Astec America, Inc

Part # ALH60F48
Description  Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH60F48 Datasheet(HTML) 3 Page - Astec America, Inc

  ALH60F48 Datasheet HTML 1Page - Astec America, Inc ALH60F48 Datasheet HTML 2Page - Astec America, Inc ALH60F48 Datasheet HTML 3Page - Astec America, Inc ALH60F48 Datasheet HTML 4Page - Astec America, Inc ALH60F48 Datasheet HTML 5Page - Astec America, Inc ALH60F48 Datasheet HTML 6Page - Astec America, Inc ALH60F48 Datasheet HTML 7Page - Astec America, Inc ALH60F48 Datasheet HTML 8Page - Astec America, Inc ALH60F48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Technical Reference Notes (AEH60/ALH60F48)
MODEL: AEH/ALH60F48
SHEET 3 OF 21
SEPTEMBER 26, 2002 - REVISION 02
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise specified.
TA:
25°C (Ambient Air)
+VIN:
48V ± 2%
-VIN:
Return pin for +VIN
Enable:
Open (Positive Enable)
+VOUT:
Connect to Load
-VOUT:
Connect to Load (return)
Trim (VADJ):
Open
+Sense:
Connect to +VOUT
-Sense:
Connect to -VOUT
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional
operation of the device is not implied at these or any other conditions in excess of those given in the operational
sections of the specs. Exposure to absolute maximum ratings for extended periods can adversely affect device
reliability.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
All
All
VI
VI, trans
0
0
-
-
75
100
Vdc
Vdc
Operating Temperature
AEH
ALH
TC
TA
-40
-40
-
-
100
85
ºC
°C
Storage Temperature
All
TSTG
-55
-
125
ºC
Operating Humidity
All
-
-
-
85
%
I/O Isolation
(Conditions : 50
µA for 5 sec,
slew rate of 1500V/10sec)
Input-Output
Input-Case
Output-Case
All
AEH
AEH
-
-
-
-
-
-
-
-
-
1500
1500
1500
Vdc
Vdc
Vdc
Output Power
3.3V
PO,max
-
-
198
W


Similar Part No. - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH60F48 ASTEC-ALH60F48 Datasheet
506Kb / 2P
   Total Power: 250 Watts, Input Voltages: 48 V, No. of Outputs: Single
logo
Emerson Network Power
ALH60F48 EMERSON-NETWORKPOWER-ALH60F48 Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
ALH60F48N EMERSON-NETWORKPOWER-ALH60F48N Datasheet
1Mb / 2P
   Ultra High Efficiency Half Brick
More results

Similar Description - ALH60F48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15XX48X ASTEC-ALQ15XX48X Datasheet
1Mb / 19P
   Industry Standard 쩌 Brick: 36V-75V Input / 60W Output Power
AEH80 ASTEC-AEH80 Datasheet
2Mb / 17P
   Industry Standard 쩍 Brick: 36V-75V Input / 80A Output Current
ALQ40 ASTEC-ALQ40_03 Datasheet
215Kb / 16P
   Industry Standard 쩌 Brick: 36V-75V Input / 50A Output Current
AEQ75Y48 ASTEC-AEQ75Y48 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEQ15AF48 ASTEC-AEQ15AF48 Datasheet
1,017Kb / 15P
   Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
ALQ25 ASTEC-ALQ25_03 Datasheet
542Kb / 15P
   Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
logo
Power-One
HAS030ZH-AT POWER-ONE-HAS030ZH-AT Datasheet
124Kb / 3P
   Industry Standard Half-Brick
logo
Ericsson
PKJ4111EP ERICSSON-PKJ4111EP Datasheet
1Mb / 30P
   Industry standard Half-brick
logo
Power-One
HBS150ZG-ANT POWER-ONE-HBS150ZG-ANT Datasheet
121Kb / 3P
   Industry Standard Half- Brick
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com