Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA10C-048L-020S Datasheet(PDF) 9 Page - Astec America, Inc

Part # AA10C-048L-020S
Description  36 Vdc to 75 Vdc Inputs, 10 W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AA10C-048L-020S Datasheet(HTML) 9 Page - Astec America, Inc

Back Button AA10C-048L-020S Datasheet HTML 4Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 5Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 6Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 7Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 8Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 9Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 10Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 11Page - Astec America, Inc AA10C-048L-020S Datasheet HTML 12Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Reference Notes (TRN)
AA10C Series
36 Vdc to 75 Vdc Inputs, 10 W
_____________________________________________________________
ASTEC POWER - Andover
9 of 12
Feature Descriptions (continued)
Where Radj-down is the resistance value and G, H, and L are defined in Table 7.
With an external resistor between the Vadj Pin and -Vout Pin (Radj-up) the output voltage set point
(Vo,adj) increases (see Figure 15). The following equation determines the required external
resistor value to obtain an adjusted output voltage:
Where Radj-up is the resistance value and G, H, K, and L are defined in Table 7:
Table 7 Output Adjustment Variables.
Model
G
H
K
L
015S
5110
2050
0.26
1.24
020S
5110
2050
0.76
1.24
033S
5110
2050
0.80
2.5
050S
5110
2050
2.5
2.5
120S
10,000
5110
9.5
2.5
150S
10,000
5110
12.5
2.5
Figure 14 . Circuit Configuration to Decrease Output Voltage.
Figure 15 . Circuit Configuration to Increase Output Voltage.
Radj_down
.
.
(
)
,
Vo adj
L G
(
)
,
,
Vo nom
Vo adj
H ohm
+Vin
-Vin
+Vout
-Vout
Vadj
Enable
Radj-down
Rload
Radj_up
.
.
G L
(
)
(
)
,
Vo adj
L
K
H ohm
+Vin
-Vin
+Vout
-Vout
Vadj
Enable
Radj-up
Rload


Similar Part No. - AA10C-048L-020S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA10C-048L-050S ASTEC-AA10C-048L-050S Datasheet
1Mb / 2P
   10/15 Watts
More results

Similar Description - AA10C-048L-020S

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
JW030D-M GE-JW030D-M Datasheet
765Kb / 20P
   JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com