Electronic Components Datasheet Search |
|
TC74HCT374AP Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TC74HCT374AP Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TC74HCT374AP/AF 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74HCT374AP,TC74HCT374AF Octal D-Type Flip-Flop with 3-State Output The TC74HCT374A is high speed CMOS OCTAL FLIP-FLOP with 3-STATE OUTPUT fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. Their inputs are compatible with TTL, NMOS, and CMOS output voltage levels. This 8-bit D-type flip-flop is controlled by a clock input (CK) and an output enable input ( OE ). All inputs are equipped with protection circuits against static discharge or transient excess voltage. Features • High speed: fmax = 62 MHz (typ.) at VCC = 5 V • Low power dissipation: ICC = 4 μA (max) at Ta = 25°C • Compatible with TTL outputs: VIH = 2 V (min) VIL = 0.8 V (max) • Wide interfacing ability: LSTTL, NMOS, CMOS • Output drive capability: 15 LSTTL loads • Symmetrical output impedance: |IOH| = IOL = 6 mA (min) • Balanced propagation delays: tpLH ∼− tpHL • Pin and function compatible with 74LS374 Pin Assignment TC74HCT374AP TC74HCT374AF Weight DIP20-P-300-2.54A : 1.30 g (typ.) SOP20-P-300-1.27A : 0.22 g (typ.) |
Similar Part No. - TC74HCT374AP_07 |
|
Similar Description - TC74HCT374AP_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |