Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP523 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP523
Description  GaAs Ired & Photo−Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP523 Datasheet HTML 1Page - Toshiba Semiconductor TLP523 Datasheet HTML 2Page - Toshiba Semiconductor TLP523 Datasheet HTML 3Page - Toshiba Semiconductor TLP523 Datasheet HTML 4Page - Toshiba Semiconductor TLP523 Datasheet HTML 5Page - Toshiba Semiconductor TLP523 Datasheet HTML 6Page - Toshiba Semiconductor TLP523 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2007-10-01
4
IF – Ta
Ambient temperature Ta (℃)
100
80
-20
0
60
40
20
120
100
80
60
20
40
0
TLP523
TLP523 -2, -4
Forward voltage VF (V)
IF – VF
100
50
0.6
0.3
5
0.5
30
3
1
10
0.1
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25℃
Δ
VF / ΔTa – IF
-3.2
-2.0
-2.4
-2.8
-0.4
-1.6
-1.2
-0.8
Forward current IF (mA)
0.1
0.3
1
3
10
30
IFP – VFP
Pulse forward voltage VFP (V)
1000
500
0.6
50
300
30
10
100
1
1.0
1.4
1.8
2.2
2.6
3
5
3
Pulse width ≤ 10μs
Repetitive frequency = 100Hz
Ta = 25℃
IFP – DR
Duty cycle patio DR
5000
3000
3
3
10
-3
3
10
1000
500
30
100
50
300
10
-1
10
-2
3
10
0
Pulse width ≤ 100μs
Ta = 25℃
PC – Ta
Ambient temperature Ta (℃)
160
-20
0
120
80
40
120
100
80
60
20
40
0
200
TLP523
TLP523 -2, -4


Similar Part No. - TLP523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP523 TOSHIBA-TLP523 Datasheet
251Kb / 7P
   programmable controllers dc-output module solid state relay
TLP523 TOSHIBA-TLP523 Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
251Kb / 7P
   programmable controllers dc-output module solid state relay
TLP523-2 TOSHIBA-TLP523-2 Datasheet
218Kb / 7P
   Programmable Controllers DC?뭀utput Module Solid State Relay
logo
List of Unclassifed Man...
TLP523-3 ETC1-TLP523-3 Datasheet
86Kb / 2P
   12PIN DIP 3-CHANNELS TYPE
More results

Similar Description - TLP523

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
   GaAs IRed & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
   GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
   GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
   GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
   Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com