Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K124TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K124TU
Description  High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K124TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K124TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K124TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K124TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K124TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K124TU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K124TU
2007-11-01
3
VGS = 4.0V
ID – VDS
0
4
0
0.2
0.4
0.6
1
3
VGS = 3.3V
3.6V
10 V
1
2
4 V
6V
0.8
5
RDS (ON) – Ta
500
0
−50
ID = 1.0A / VGS = 4.0 V
0
50
150
100
200
300
400
100
RDS (ON) – ID
0
2
6
8
4
0
100
200
300
RDS (ON) – VGS
25 °C
Ta
=100 °C
−25 °C
250
150
50
1.5 A / 10V
10
ID – VGS
10
0
0.1
1
0.001
0.01
0.0001
4.0
0.5
1.5
−25 °C
Ta
= 100 °C
25 °C
1.0
3.5
3.0
2.5
2.0
Vth – Ta
2.0
0
−50
0
150
0.5
1.0
1.5
50
100
0
1
3
4
2
0
100
200
300
250
150
50
5
10V
Drain–source voltage VDS (V)
Gate–source voltage VGS (V)
Common Source
VDS = 5 V
Common Source
Ta
= 25°C
ID = 1.5 A
Common Source
Drain current ID (A)
Gate–source voltage VGS (V)
Common Source
Ta
= 25°C
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Common Source
Common source
VDS = 5 V
ID = 1 mA


Similar Part No. - SSM3K124TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K124TU TOSHIBA-SSM3K124TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
SSM3K124TU TOSHIBA-SSM3K124TU_14 Datasheet
198Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results

Similar Description - SSM3K124TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com