Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP592G Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP592G
Description  Telecommunications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP592G Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP592G Datasheet HTML 1Page - Toshiba Semiconductor TLP592G Datasheet HTML 2Page - Toshiba Semiconductor TLP592G Datasheet HTML 3Page - Toshiba Semiconductor TLP592G Datasheet HTML 4Page - Toshiba Semiconductor TLP592G Datasheet HTML 5Page - Toshiba Semiconductor TLP592G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP592G
2007-10-01
1
TOSHIBA Photocoupler Photorelay
TLP592G
Telecommunications
PBX
Modems
The Toshiba TLP592G consists of an aluminum gallium arsenide
infrared emitting diode optically coupled to a photo-MOSFET in a six
lead plastic DIP package (DIP6).
The TLP592G is a bi-directional switch can replace mechanical relays
in many applications.
• 6-pin DIP (DIP6)
• 1-Form-A
• Peak Off-state voltage: 350 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 110 mA (max)
• On-state resistance: 35 Ω (max, t < 1 s)
• On-state resistance: 50 Ω (max, continuous)
• Isolation voltage: 2500 Vrms (min)
Pin Configuration (top view)
Schematic
Unit: mm
JEDEC
JEITA
TOSHIBA
11-7A8
Weight: 0.4 g (typ.)
1: Anode
2: Cathode
4: Drain D1
5: Source
6: Drain D2
1
2
6
5
3
4
1
6
4
2
5


Similar Part No. - TLP592G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
   Telecommunications PBX Modems
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
   Telecommunications PBX Modems
More results

Similar Description - TLP592G

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISPA40 ISOCOM-ISPA40 Datasheet
217Kb / 2P
   Telecommunications
ISDB40 ISOCOM-ISDB40 Datasheet
68Kb / 2P
   Telecommunications
logo
Z-Communications, Inc
PSA3345C-LF ZCOMM-PSA3345C-LF Datasheet
86Kb / 2P
   Telecommunications
PSA3920C-LF ZCOMM-PSA3920C-LF Datasheet
73Kb / 2P
   Telecommunications
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_07 Datasheet
117Kb / 5P
   Telecommunications
logo
ISOCOM COMPONENTS
ISB35 ISOCOM-ISB35 Datasheet
78Kb / 2P
   Telecommunications
ISPA06 ISOCOM-ISPA06 Datasheet
217Kb / 2P
   Telecommunications
ISA60 ISOCOM-ISA60 Datasheet
78Kb / 2P
   Telecommunications
ISPA60 ISOCOM-ISPA60 Datasheet
217Kb / 2P
   Telecommunications
ISPA20 ISOCOM-ISPA20 Datasheet
217Kb / 2P
   Telecommunications
ISA06 ISOCOM-ISA06 Datasheet
78Kb / 2P
   Telecommunications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com